| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMBJ20A bảng dữ liệu(PDF) 3 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
SMBJ20A bảng dữ liệu(HTML) 3 Page - Taiwan Semiconductor Company, Ltd |
|
3 / 4 page ![]() - 604 - ELECTRICAL CHARACTERISTICS (TA=25 OC unless otherwise noted) Breakdown Voltage Stand-Off Maximum Maximum Maximum Device Device VBR Test Current Voltage Reverse Leakage Peak Surge Clamping Marking code (Volts) (Note 1) @IT(mA) VWM at Vwm Current IPPM Voltage at IPPM Min Max (Volts) ID (uA) (Note 2)(Amps) VC(Volts) SMBJ5.0 KD 6.40 7.30 10 5.0 800.0 65 9.6 SMBJ5.0A KE 6.40 7.00 10 5.0 800.0 68 9.2 SMBJ6.0 KF 6.67 8.15 10 6.0 800.0 55 11.4 SMBJ6.0A KG 6.67 7.37 10 6.0 800.0 61 10.3 SMBJ6.5 KH 7.22 8.82 10 6.5 500.0 51 12.3 SMBJ6.5A KK 7.22 7.98 10 6.5 500.0 56 11.2 SMBJ7.0 KL 7.78 9.51 10 7.0 200.0 47 13.3 SMBJ7.0A KM 7.78 8.60 10 7.0 200.0 52 12.0 SMBJ7.5 KN 8.33 10.3 1.0 7.5 100.0 44 14.3 SMBJ7.5A KP 8.33 9.21 1.0 7.5 100.0 48 12.9 SMBJ8.0 KQ 8.89 10.9 1.0 8.0 50.0 42 15.0 SMBJ8.0A KR 8.89 9.83 1.0 8.0 50.0 46 13.6 SMBJ8.5 KS 9.44 11.5 1.0 8.5 20.0 39 15.9 SMBJ8.5A KT 9.44 10.4 1.0 8.5 20.0 43 14.4 SMBJ9.0 KU 10.0 12.2 1.0 9.0 10.0 37 16.9 SMBJ9.0A KV 10.0 11.1 1.0 9.0 10.0 40 15.4 SMBJ10 KW 11.1 13.6 1.0 10 5.0 33 18.8 SMBJ10A KX 11.1 12.3 1.0 10 5.0 37 17.0 SMBJ11 KY 12.2 14.9 1.0 11 5.0 31 20.1 SMBJ11A KZ 12.2 13.5 1.0 11 5.0 34 18.2 SMBJ12 LD 13.3 16.3 1.0 12 5.0 28 22.0 SMBJ12A LE 13.3 14.7 1.0 12 5.0 31 19.9 SMBJ13 LF 14.4 17.6 1.0 13 5.0 26 23.8 SMBJ13A LG 14.4 15.9 1.0 13 5.0 29 21.5 SMBJ14 LH 15.6 19.1 1.0 14 5.0 24.4 25.8 SMBJ14A LK 15.6 17.2 1.0 14 5.0 27 23.2 SMBJ15 LL 16.7 20.4 1.0 15 5.0 23.1 26.9 SMBJ15A LM 16.7 18.5 1.0 15 5.0 25.1 24.4 SMBJ16 LN 17.8 21.8 1.0 16 5.0 21.8 28.8 SMBJ16A LP 17.8 19.7 1.0 16 5.0 24.2 26.0 SMBJ17 LQ 18.9 23.1 1.0 17 5.0 20.0 30.5 SMBJ17A LR 18.9 20.9 1.0 17 5.0 22.8 27.6 SMBJ18 LS 20.0 24.4 1.0 18 5.0 19.5 32.2 SMBJ18A LT 20.0 22.1 1.0 18 5.0 21.5 29.2 SMBJ20 LU 22.2 27.1 1.0 20 5.0 17.6 35.8 SMBJ20A LV 22.2 24.5 1.0 20 5.0 19.4 32.4 SMBJ22 LW 24.4 29.8 1.0 22 5.0 15.0 39.4 SMBJ22A LX 24.4 26.9 1.0 22 5.0 17.7 35.5 SMBJ24 LY 26.7 32.6 1.0 24 5.0 14.6 43.0 SMBJ24A LZ 26.7 29.5 1.0 24 5.0 16.0 38.9 SMBJ26 MD 28.9 35.3 1.0 26 5.0 13.5 46.6 SMBJ26A ME 28.9 31.9 1.0 26 5.0 14.9 42.1 SMBJ28 MF 31.1 38.0 1.0 28 5.0 12.6 50.0 SMBJ28A MG 31.1 34.4 1.0 28 5.0 13.8 45.4 SMBJ30 MH 33.3 40.7 1.0 30 5.0 11.7 53.5 SMBJ30A MK 33.3 36.8 1.0 30 5.0 13.0 48.4 SMBJ33 ML 36.7 44.9 1.0 33 5.0 10.6 59.0 SMBJ33A MM 36.7 40.6 1.0 33 5.0 11.8 53.3 SMBJ36 MN 40.0 48.9 1.0 36 5.0 9.8 64.3 SMBJ36A MP 40.0 44.2 1.0 36 5.0 10.8 58.1 SMBJ40 MQ 44.4 54.3 1.0 40 5.0 8.8 71.4 SMBJ40A MR 44.4 49.1 1.0 40 5.0 9.7 64.5 SMBJ43 MS 47.8 58.4 1.0 43 5.0 8.2 76.7 SMBJ43A MT 47.8 52.8 1.0 43 5.0 9.0 69.4 SMBJ45 MU 50.0 61.1 1.0 45 5.0 7.8 80.3 SMBJ45A MV 50.0 55.3 1.0 45 5.0 8.6 72.7 SMBJ48 MW 53.3 65.1 1.0 48 5.0 7.3 85.5 SMBJ48A MX 53.3 58.9 1.0 48 5.0 8.1 77.4 SMBJ51 MY 56.7 69.3 1.0 51 5.0 6.9 91.1 SMBJ51A MZ 56.7 62.7 1.0 51 5.0 7.6 82.4 SMBJ54 ND 60.0 73.3 1.0 54 5.0 6.5 96.3 SMBJ54A NE 60.0 66.3 1.0 54 5.0 7.2 87.1 SMBJ58 NF 64.4 78.7 1.0 58 5.0 6.1 103 SMBJ58A NG 64.4 71.2 1.0 58 5.0 6.7 93.6 SMBJ60 NH 66.7 81.5 1.0 60 5.0 5.8 107 SMBJ60A NK 66.7 73.7 1.0 60 5.0 6.5 96.8 SMBJ64 NL 71.1 86.9 1.0 64 5.0 5.5 114 SMBJ64A NM 71.1 78.6 1.0 64 5.0 6.1 103 SMBJ70 NN 77.8 95.1 1.0 70 5.0 5.0 125 SMBJ70A NP 77.8 86.0 1.0 70 5.0 5.5 113 SMBJ75 NQ 83.3 102 1.0 75 5.0 4.7 134 SMBJ75A NR 83.3 92.1 1.0 75 5.0 5.2 121 SMBJ78 NS 86.7 106 1.0 78 5.0 4.5 139 SMBJ78A NT 86.7 95.8 1.0 78 5.0 5.0 126 SMBJ85 NU 94.4 115 1.0 85 5.0 4.1 151 SMBJ85A NV 94.4 104 1.0 85 5.0 4.6 137 SMBJ90 NW 100 122 1.0 90 5.0 3.9 160 SMBJ90A NX 100 111 1.0 90 5.0 4.3 146 SMBJ100 NY 111 136 1.0 100 5.0 3.5 179 SMBJ100A NZ 111 123 1.0 100 5.0 3.8 162 SMBJ110 PD 122 149 1.0 110 5.0 3.2 196 SMBJ110A PE 122 135 1.0 110 5.0 3.5 177 SMBJ120 PF 133 163 1.0 120 5.0 2.9 214 SMBJ120A PG 133 147 1.0 120 5.0 3.2 193 SMBJ130 PH 144 176 1.0 130 5.0 2.7 231 SMBJ130A PK 144 159 1.0 130 5.0 3.0 209 SMBJ150 PL 167 204 1.0 150 5.0 2.3 268 SMBJ150A PM 167 185 1.0 150 5.0 2.5 243 SMBJ160 PN 178 218 1.0 160 5.0 2.2 287 SMBJ160A PP 178 197 1.0 160 5.0 2.4 259 SMBJ170 PQ 189 231 1.0 170 5.0 2.0 304 SMBJ170A PR 189 209 1.0 170 5.0 2.2 275 Note: 1. VBR measured after IT applied for 300us, IT=square wave pulse or equivatent. 2. Surge current waveform per Figure 3 and derate per Figure 2. 3. All terms and symbols are consistant with ANSI/IEEE C62.35. 4. For bidirectional use C or CA suffix for types SMBJ5.0 thorugh types SMBJ170. 5. For bipolar types having VWM of 10 volts(SMBJ8.0C) and under the ID limit is doubled. Notes: |