| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
005.0141094 bảng dữ liệu(PDF) 4 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
005.0141094 bảng dữ liệu(HTML) 4 Page - France Joint |
|
4 / 4 page ![]() Part number Bore diameter ØD1 H9 Groove diameter Ød1 h8 Groove width L1 0/+0.20 Seal thickness E 005.1751709 175.00 170.00 9.70 2.50 005.1751702 175.00 170.00 25.00 2.50 005.1801759 180.00 175.00 9.70 2.50 005.1801751 180.00 175.00 15.00 2.50 005.1801752 180.00 175.00 25.00 2.50 005.1851809 185.00 180.00 9.70 2.50 005.1851801 185.00 180.00 15.00 2.50 005.1851802 185.00 180.00 25.00 2.50 005.1901859 190.00 185.00 9.70 2.50 005.1901851 190.00 185.00 15.00 2.50 005.1901852 190.00 185.00 25.00 2.50 005.1951909 195.00 190.00 9.70 2.50 005.1951901 195.00 190.00 15.00 2.50 005.1951902 195.00 190.00 25.00 2.50 005.2001959 200.00 195.00 9.70 2.50 005.2001951 200.00 195.00 15.00 2.50 005.2001952 200.00 195.00 25.00 2.50 005.2052009 205.00 200.00 9.70 2.50 005.2052001 205.00 200.00 15.00 2.50 005.2052002 205.00 200.00 25.00 2.50 005.2102059 210.00 205.00 9.70 2.50 005.2102051 210.00 205.00 15.00 2.50 005.2102052 210.00 205.00 25.00 2.50 005.2152109 215.00 210.00 9.70 2.50 005.2152101 215.00 210.00 15.00 2.50 005.2152102 215.00 210.00 25.00 2.50 005.2202159 220.00 215.00 9.70 2.50 005.2202151 220.00 215.00 15.00 2.50 005.2202152 220.00 215.00 25.00 2.50 005.2252209 225.00 220.00 9.70 2.50 005.2252201 225.00 220.00 15.00 2.50 005.2252202 225.00 220.00 25.00 2.50 005.2302259 230.00 225.00 9.70 2.50 005.2302251 230.00 225.00 15.00 2.50 005.2302252 230.00 225.00 25.00 2.50 005.2352309 235.00 230.00 9.70 2.50 005.2352301 235.00 230.00 15.00 2.50 005.2352302 235.00 230.00 25.00 2.50 005.2402359 240.00 235.00 9.70 2.50 005.2402351 240.00 235.00 15.00 2.50 005.2402352 240.00 235.00 25.00 2.50 005.2452409 245.00 240.00 9.70 2.50 005.2452401 245.00 240.00 15.00 2.50 005.2452402 245.00 240.00 25.00 2.50 005.2502459 250.00 245.00 9.70 2.50 005.2502451 250.00 245.00 15.00 2.50 005.2502452 250.00 245.00 25.00 2.50 005.2552501 255.00 250.00 15.00 2.50 005.2552502 255.00 250.00 25.00 2.50 005.2602551 260.00 255.00 15.00 2.50 005.2602552 260.00 255.00 25.00 2.50 Part number Bore diameter ØD1 H9 Groove diameter Ød1 h8 Groove width L1 0/+0.20 Seal thickness E 005.2652601 265.00 260.00 15.00 2.50 005.2652602 265.00 260.00 25.00 2.50 005.2702651 270.00 265.00 15.00 2.50 005.2702652 270.00 265.00 25.00 2.50 005.2752701 275.00 270.00 15.00 2.50 005.2752702 275.00 270.00 25.00 2.50 005.2802751 280.00 275.00 15.00 2.50 005.2802752 280.00 275.00 25.00 2.50 005.2852801 285.00 280.00 15.00 2.50 005.2852802 285.00 280.00 25.00 2.50 005.2902851 290.00 285.00 15.00 2.50 005.2902852 290.00 285.00 25.00 2.50 005.2952901 295.00 290.00 15.00 2.50 005.2952902 295.00 290.00 25.00 2.50 005.3002951 300.00 295.00 15.00 2.50 005.3002952 300.00 295.00 25.00 2.50 005.3053001 305.00 300.00 15.00 2.50 005.3053002 305.00 300.00 25.00 2.50 005.3103051 310.00 305.00 15.00 2.50 005.3103052 310.00 305.00 25.00 2.50 005.3153101 315.00 310.00 15.00 2.50 005.3153102 315.00 310.00 25.00 2.50 005.3203151 320.00 315.00 15.00 2.50 005.3203152 320.00 315.00 25.00 2.50 005.3253201 325.00 320.00 15.00 2.50 005.3253202 325.00 320.00 25.00 2.50 005.3303251 330.00 325.00 15.00 2.50 005.3303252 330.00 325.00 25.00 2.50 005.3353301 335.00 330.00 15.00 2.50 005.3353302 335.00 330.00 25.00 2.50 005.3403351 340.00 335.00 15.00 2.50 005.3403352 340.00 335.00 25.00 2.50 005.3453401 345.00 340.00 15.00 2.50 005.3453402 345.00 340.00 25.00 2.50 005.3503451 350.00 345.00 15.00 2.50 005.3503452 350.00 345.00 25.00 2.50 005.3603551 360.00 355.00 15.00 2.50 005.3603552 360.00 355.00 25.00 2.50 005.3703651 370.00 365.00 15.00 2.50 005.3703652 370.00 365.00 25.00 2.50 005.3803751 380.00 375.00 15.00 2.50 005.3803752 380.00 375.00 25.00 2.50 005.3903851 390.00 385.00 15.00 2.50 005.3903852 390.00 385.00 25.00 2.50 005.4003951 400.00 395.00 15.00 2.50 005.4003952 400.00 395.00 25.00 2.50 005.4504451 450.00 445.00 15.00 2.50 005.4504452 450.00 445.00 25.00 2.50 005.5004951 500.00 495.00 15.00 2.50 005.5004952 500.00 495.00 25.00 2.50 The figures highlighted in bold correspond to the dimensions for standard ISO 10766, with the bore diameters in line with standard ISO 3320. Other intermediate sizes can be provided. GUIDING COMPONENTS | WEAR RINGS | BECA 005 PISTON FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France Ph. +33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com |