| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PWR-745AC-R bảng dữ liệu(PDF) 6 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
PWR-745AC-R bảng dữ liệu(HTML) 6 Page - Arista Networks, Inc |
|
6 / 11 page ![]() 7170 Series | Features Network Management • CloudVision • 10/100/1000 Management Port • RS-232 Serial Console Port • USB Port • SNMP v1, v2, v3 • Management over IPv6 • Telnet and SSHv2 • Syslog • AAA • Industry Standard CLI Extensibility • Linux Tools • Bash shell access and scripting • RPM support • Custom kernel modules • Programmatic access to system state • Python • Chef • Puppet • C++ • eAPI • GO • OpenConfig • OpenStack Neutron Plug-in support • Native KVM/QEMU support Standards Compliance • 802.1D Bridging and Spanning Tree • 802.1p QOS/COS • 802.1Q VLAN Tagging • 802.1w Rapid Spanning Tree • 802.1s Multiple Spanning Tree Protocol • 802.1AB Link Layer Discovery Protocol • 802.3ad Link Aggregation with LACP • 802.3ab 1000BASE-T • 802.3z Gigabit Ethernet • 802.3ae 10 Gigabit Ethernet • 802.3by 25 Gigabit Ethernet • 802.3ba 40 and 100 Gigabit Ethernet • RFC 2460 Internet Protocol, Version 6 (IPv6) Specification • RFC 4861 Neighbor Discovery for IP Version 6 (IPv6) • RFC 4862 IPv6 Stateless Address Autoconfiguration • RFC 4443 Internet Control Message Protocol (ICMPv6) for the Internet Protocol Version 6 (IPv6) Specification SNMP MIBs • RFC 3635 EtherLike-MIB • RFC 3418 SNMPv2-MIB • RFC 2863 IF-MIB • RFC 2864 IF-INVERTED-STACK-MIB • RFC 4292 IP-FORWARD-MIB • RFC 4363 Q-BRIDGE-MIB • RFC 4188 BRIDGE-MIB • RFC 2013 UDP-MIB • RFC 2012 TCP-MIB • RFC 2011 IP-MIB • RFC 2790 HOST-RESOURCES-MIB • RFC 3636 MAU-MIB • RMON-MIB • RMON2-MIB • HC-RMON-MIB • LLDP-MIB • LLDP-EXT-DOT1-MIB • LLDP-EXT-DOT3-MIB • ENTITY-MIB • ENTITY-SENSOR-MIB • ENTITY-STATE-MIB • ARISTA-ACL-MIB • ARISTA-QUEUE-MIB • RFC 4273 BGP4-MIB • RFC 4750 OSPF-MIB • ARISTA-CONFIG-MAN-MIB • ARISTA-REDUNDANCY-MIB • RFC 2787 VRRPv2-MIB • MSDP-MIB • PIM-MIB • IGMP-MIB • IPMROUTE-STD-MIB • SNMP Authentication Failure trap • ENTITY-SENSOR-MIB support for DOM (Digital Optical Monitoring) • User configurable custom OIDs See EOS release notes for latest supported MIBs * Not currently supported in EOS |