| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KIT-7101-RK bảng dữ liệu(PDF) 6 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
KIT-7101-RK bảng dữ liệu(HTML) 6 Page - Arista Networks, Inc |
|
6 / 11 page ![]() 7130LBR Series | Switch Features Data Sheet 1. Supported for internal switch interfaces. 2. FPGA-to-Switch lanes only. Front-panel lanes are 10G NRZ. Precision Timing • Synchronous Ethernet with ESMC • IEEE 1588-2008 PTP T-GM, T-BC, T-TSC • G.8275.1, G.8275.2 • G.8261, G.8264 System Scalability • 9216 Byte Jumbo Frame Support • 8 Priority Queues per Port • Large Scale Link Aggregation Groups (LAG) • 1024 x 16 Ports per LAG • 64 x 256 Ports per LAG • Virtual Output Queueing • Distributed Scheduler Standards Compliance • 802.1D Bridging and Spanning Tree • 802.1p QOS/COS • 802.1Q VLAN Tagging • 802.1w Rapid Spanning Tree • 802.1s Multiple Spanning Tree Protocol • 802.1AB Link Layer Discovery Protocol • 802.3ad Link Aggregation with LACP • 802.3x Flow Control • 802.3ab 1000BASE-T • 802.3z Gigabit Ethernet • 802.3ae 10 Gigabit Ethernet • 802.3ba 40 Gigabit Ethernet • RFC 2460 Internet Protocol, Version 6 (IPv6) • RFC 2461 Neighbor Discovery for IP Version 6 (IPv6) • RFC 2462 IPv6 Stateless Address Autocon guration • RFC 2463 Internet Control Message Protocol (ICMPv6) • IEEE 1588-2008 Precision Time Protocol SNMP MIBs • RFC 3635 EtherLike-MIB • RFC 3418 SNMPv2-MIB • RFC 2863 IF-MIB • RFC 2864 IF-INVERTED-STACK-MIB • RFC 2096 IP-FORWARD-MIB • RFC 4363 Q-BRIDGE-MIB • RFC 4188 BRIDGE-MIB • RFC 2013 UDP-MIB • RFC 2012 TCP-MIB • RFC 2011 IP-MIB • RFC 2790 HOST-RESOURCES-MIB • RFC 3636 MAU-MIB • RMON-MIB • RMON2-MIB • HC-RMON-MIB • LLDP-MIB • LLDP-EXT-DOT1-MIB • LLDP-EXT-DOT3-MIB • ENTITY-MIB • ENTITY-SENSOR-MIB • ENTITY-STATE-MIB • ARISTA-ACL-MIB • ARISTA-QUEUE-MIB • RFC 4273 BGP4-MIB • RFC 4750 OSPF-MIB • ARISTA-CONFIG-MAN-MIB • ARISTA-REDUNDANCY-MIB • RFC 2787 VRRPv2MIB • MSDP-MIB • PIM-MIB • IGMP-MIB • IPMROUTE-STD-MIB • SNMP Authentication Failure trap • ENTITY-SENSOR-MIB support for DOM (Digital Optical Monitoring) • User con gurable custom OIDs See EOS release notes for latest supported MIBs |