| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7130-48LBAS bảng dữ liệu(PDF) 4 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
7130-48LBAS bảng dữ liệu(HTML) 4 Page - Arista Networks, Inc |
|
4 / 8 page ![]() 7130LS Series | Technical Speci cations Model Comparison 7130-48LS E 7130-48LAS E 7130-96LS E 7130-96LAS E Ports 48 x SFP+ 2 x RJ45 48 x SFP+ 2 x RJ45 96 x SFP+ 2 x RJ45 96 x SFP+ 2 x RJ45 FPGA Xilinx Virtex® UltraScale+™ FPGA FPGA Model VU7P Speed Grade 2 DRAM 32GB DDR 32GB DDR 32GB DDR 32GB DDR SSD Drive Bays No No No No External PCIE No No No No Internal 10G Ports 2 2 2 2 Throughput 100M-11.3Gbps 100M-11.3Gbps 100M-11.3Gbps 100M-11.3Gbps Layer 1 Latency 5 ns 5 ns 6 ns 6 ns MetaMux Latency 43 ns 43 ns 43 ns 43 ns MultiAccess Latency 55 ns 55 ns 55 ns 55 ns MetaWatch Yes Yes Yes Yes ExchangeApp Yes Yes Yes Yes MetaProtect Yes Yes Yes Yes SwitchApp No No No No FDK (FPGA Dev Kit) Yes Yes Yes Yes VDK (Vitis™ Dev Kit) No No No No Clock OCXO Atomic OCXO Atomic CPU Quad-Core x86 Quad-Core x86 Quad-Core x86 Quad-Core x86 System Memory 8 GB RAM 8 GB RAM 8 GB RAM 8 GB RAM On-board SSD 64GB 64GB 64GB 64GB USB Ports 1 1 1 1 100/1000 Mgmt Ports 2 2 2 2 PPS Input Ports (5V TTL, 50 ) 1 1 1 1 PPS Output Ports (5V TTL) 1 1 1 1 RS-232 Serial Ports 1 (RJ-45) 1 (RJ-45) 1 (RJ-45) 1 (RJ-45) Hot-swap Power Supplies 2 (1+1 redundant) Hot-swappable Fan Trays 2 (1+1 redundant) 3 (1+1 redundant) Reversible Air ow Option Yes Yes Yes Yes Rack Units 1U 1U 2U 2U Size (WxHxD) 17.6 x 1.7 x 14.9” (44.8 x 4.3 x 37.9 cm) 17.6 x 3.3 x 14.9” (44.8 x 8.7 x 37.9 cm) Max Power Draw 190W 190W 388W 388W Weight 9kg/20lbs 9kg/20lbs 12kg/26lbs 12kg/26lbs Fan Tray FAN-7130-1U FAN-7130-1U FAN-7130-1U FAN-7130-1U Power Supplies PWR-500 (AC or DC) PWR-500 (AC or DC) PWR-747AC PWR-1900DC PWR-747AC PWR-1900DC E. Product is subject to an End of Sale notice |