công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DCS-7050QX2-32S-R bảng dữ liệu(PDF) 3 Page - Arista Networks, Inc

tên linh kiện DCS-7050QX2-32S-R
Giải thích chi tiết về linh kiện  7050QX Series 10/40G Data Center Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7050QX2-32S-R bảng dữ liệu(HTML) 3 Page - Arista Networks, Inc

  DCS-7050QX2-32S-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7050QX2-32S-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7050QX2-32S-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7050QX2-32S-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7050QX2-32S-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7050QX2-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7050QX2-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7050QX2-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7050QX2-32S-R Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
7050QX Series | Platform Overview
Maximum Flexibility for Scale Out Network Designs
Scale out network designs enable solutions to start small and evolve over time. A simple two-way design can grow as far as 64-way
without signi cant changes to the architecture. The Arista 7050QX include enhancements that allow for exible scale-out designs:
• Up to 128-way ECMP and 64-way MLAG provide scalable designs and balance tra c evenly across large scale 2 tier leaf-spine designs
• Custom hash algorithms for e cient hashing, persistent hashing and custom lookups for tunneled protocols.
• Flexible allocation of L2 and L3 forwarding table resources for more design choice
• Wide choice of dense 10G/40G ports for single port multi-speed exibility
• VXLAN routing, bridging and gateway for physical to virtualization communication to enable next generation data center designs
• DANZ, sFlow and multi-port mirroring to detect micro-burst congestion and provide network wide visibility and monitoring
Software De ned Networking
Arista Software De ned Cloud Networking (SDCN), combines the principles that have made cloud computing the unstoppable force
that it is: automation, self service provisioning, and linear scaling of both performance and economics coupled with the trend in
Software De ned Networking that delivers: network virtualization, custom programmability, simpli ed architectures, and lower capital
expenditure. This combination creates a best-in-class software foundation for maximizing the value of the network to both the
enterprise and service provider data center. A new architecture for the most mission-critical location within the IT infrastructure that
simpli es management and provisioning, speeds up service delivery, lowers costs and creates opportunities for competitive
di erentiation, while putting control and visibility back in the hands of the network and systems administrators.
Smart System Upgrade
Smart System Upgrade is a network application designed to address one of the most complicated and challenging tasks facing data
center administrators - network infrastructure maintenance. Changes to the underlying network infrastructure can a ect large numbers
of devices and cause signi cant outages. SSU provides a fully customizable suite of features that tightly couples data center
infrastructure to technology partners allowing for intelligent insertion and removal, programmable updates to software releases and
open integration with application and infrastructure elements.
Advanced Event Management (AEM)
Simplifying the overall operations, AEM provides the tools to customize alerts and actions. AEM is a powerful and exible set of tools to
automate tasks and customize the behavior of EOS and the operation of the overall data center switching infrastructure. AEM allows
operators to fully utilize the intelligence within EOS to respond to real-time events, automate routine tasks, and automate actions based
on changing network conditions.
Enhanced Features for High Performance Networks
The Arista 7050QX deliver a suite of advanced tra c control and monitoring features to improve the agility of modern high
performance environments, with solutions for data monitoring, and next-generation virtualization.
Precise Data Analysis
Arista Latency Analyzer (LANZ) is an integrated feature of EOS. LANZ provides precise real-time monitoring of micro-burst and
congestion events before they impact applications, with the ability to identify the sources and capture a ected tra c for analysis.
Virtualization
Supporting next-generation virtualized data centers requires tight integration with orchestration tools and emerging encapsulation
technologies such as VXLAN. The 7050QX builds on the valuable tools already provided by the Arista VM Tracer suite to integrate
directly into encapsulated environments. O ering a wire-speed gateway between VXLAN and traditional L2/3 environments, the 7050X
makes integration of non-VXLAN aware devices including servers, rewalls and load-balancers seamless and provides the ability to
leverage VXLAN as a standards based L2 extension technology for non-MPLS environments.
Uni ed Forwarding Table
Cloud network scalability is directly impacted by the size of a switches forwarding tables. In many systems a 'one size ts all' approach is
adopted using discrete xed size tables for each of the common types of forwarding entry. The Arista 7050X leverages a common
Uni ed Forwarding Table for the L2 MAC, L3 Routing, L3 Host and IP Multicast forwarding entries, which can be partitioned per entry
type. The ideal size of each partition varies depending on the network deployment scenario. The exibility of the UFT coupled with the
range of pre-de ned con guration pro les available on the 7050X ensures optimal resource allocation for all network topologies and
network virtualization technologies.



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com