công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DCS-7020TRA-48-R bảng dữ liệu(PDF) 3 Page - Arista Networks, Inc

tên linh kiện DCS-7020TRA-48-R
Giải thích chi tiết về linh kiện  7020R Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7020TRA-48-R bảng dữ liệu(HTML) 3 Page - Arista Networks, Inc

  DCS-7020TRA-48-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
7020R Series | Platform Overview
Software De ned Cloud Networks
Arista Software De ned Cloud Networking (SDCN), combines the principles that have made cloud computing the unstoppable force
that it is: automation, self service provisioning, and linear scaling of both performance and economics coupled with the trend in
Software De ned Networking that delivers: network virtualization, custom programmability, simpli ed architectures, and lower capital
expenditure. This combination creates a best-in-class software foundation for maximizing the value of the network to both the
enterprise and service provider data center.
Maximum Flexibility for Scale Out Network Designs
Scale out network designs enable solutions to start small and evolve over time. A simple two-way design can grow as far as 128-way
without signi cant changes to the architecture. The Arista 7020R include enhancements that allow for exible scale-out designs:
• 24 ports of 1/10G or 48 ports of 1G RJ45 to provide scalable designs and balance tra c evenly across large 2 tier leaf-spine designs
• Comprehensive L2 and L3 forwarding table resources for more design choice
• VXLAN gateway, bridging and routing with VMTracer features to enable next generation data center designs *
• Virtual output queue (VoQ) architecture and deep packet bu ering to eliminate head of line blocking with low latency
• Wide choice of both 1G, 10G and 40G/100G transceivers and cables for single port multi-speed exibility
• Integrated packet capture, sFlow and multi-port mirroring provide network wide visibility and monitoring to detect tra c bursts,
monitor latency and congestion and allow capacity planning to improve application performance and availability *
Advanced Event Management (AEM)
Simplifying the overall operations, AEM provides the tools to customize alerts and actions. AEM is a powerful and exible set of tools to
automate tasks and customize the behavior of EOS and the operation of the overall data center switching infrastructure. AEM allows
operators to fully utilize the intelligence within EOS to respond to real-time events, automate routine tasks, and automate actions based
on changing network conditions.
CloudVision
CloudVision is a network-wide approach for workload orchestration and work ow automation as a turnkey solution for Cloud
Networking. CloudVision extends the EOS publish subscribe architectural approach across the network for state, topology, monitoring
and visibility. This enables enterprises to move to cloud-class automation without needing any signi cant internal development.
Next Generation Provisioning and Monitoring
Zero Touch Provisioning (ZTP) combined with other Arista features, like VMTracer's adaptive VLAN con guration allows data center
managers to fully automate the bring-up of network elements and virtual servers and leverage Arista's unique 'hands-o ' provisioning.
Designed to integrate with VMware, OpenStack and Microsoft OMI, Arista’s open architecture allows for integration with any
virtualization and orchestration system providing visibility to the VM-level enabling portable policies, persistent monitoring and rapid
troubleshooting of cloud networks.
7020R Deterministic Network Performance
The Arista 7020R Series uses a deep bu er virtual output queue (VOQ) architecture that eliminates head-of-line (HOL) blocking and
virtually eliminates packet drops even in the most congested network scenarios. An advanced tra c scheduler fairly allocates
bandwidth between all virtual output queues while accurately following queue disciplines including weighted fair queueing, xed
priority, or hybrid schemes. As a result, the Arista 7020R can handle the most demanding data center requirements with ease, including
mixed tra c loads of real-time, multicast, and storage tra c while still delivering low latency.
Virtualization
Supporting next-generation virtualized data centers requires tight integration with orchestration tools and emerging encapsulation
technologies such as VXLAN. The 7020R builds on the valuable tools already provided by the Arista VM Tracer suite to integrate directly
into encapsulated environments. O ering a wire-speed gateway between VXLAN and traditional L2/3 environments, the 7020R makes
integration of non-VXLAN aware devices including servers, rewalls and load-balancers seamless and provides the ability to leverage
VXLAN as a standards based L2 extension technology for non-MPLS environments.
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com