công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BZX85C75 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện BZX85C75
Giải thích chi tiết về linh kiện  Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX85C75 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX85C75 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX85C75 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX85C75 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX85C75 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX85C75 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZX85C SERIES
Zener Diode
Voltage Range
2.4 to 212 Volts
1.3Watts Power Dissipation
Features
Silicon Planar Power Zener Diodes
For use in stabilizing and clipping circuits with
high power rating
The Zener voltages are graded according to
the international E24 standard. Replace suffix
“C”
Mechanical Data
Case: Molded plastic DO-41
Lead: Axial leads, solderable per
MIIL-STD-202, Method 2025
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 310 mg (approx.)
DO-41
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
Value
Units
Power Dissipation (Note 1)
Pd
1.3
W
Thermal Resistance Junction to Ambient Air
(Note 1)
RθJA
130
OC /W
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
OC
Notes: 1. Measured with pulses tp=5ms
2. Valid Provided that Lead are Kept at Ambient Temperature at a distance of
10 mm from case..
3. f = 1KHz.
02.17.2005/rev. a
Preliminary


Số phần tương tự - BZX85C75

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BZX85C75 VISHAY-BZX85C75 Datasheet
58Kb / 5P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
EIC discrete Semiconduc...
BZX85C75 EIC-BZX85C75 Datasheet
18Kb / 2P
SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX85C75 GOOD-ARK-BZX85C75 Datasheet
129Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Vishay Siliconix
BZX85C75 VISHAY-BZX85C75 Datasheet
158Kb / 7P
Zener Diodes
31-May-07
logo
Tak Cheong Electronics ...
BZX85C75 TAK_CHEONG-BZX85C75 Datasheet
128Kb / 4P
1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Mô tả tương tự - BZX85C75

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
BZX84C2V4 TSC-BZX84C2V4 Datasheet
71Kb / 3P
Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
logo
Rectron Semiconductor
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com