công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD1004 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện SD1004
Giải thích chi tiết về linh kiện  1.0A Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD1004 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SD1004 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD1004 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 46 -
0.053(1.35)
Max.
0.006(0.15)
Typ. Min.
0.010(0.25)
Min.
0.004(0.10)
Max.
0.067(1.70)
0.55(1.40)
0.022(0.55)
Typ. Min.
0.152(3.85)
0.140(3.55)
0.112(2.85)
0.100(2.55)
SD1002 THRU SD1006
1.0A Surface Mount Schottky Barrier Rectifier
Voltage Range
20 to 60 Volts
450m W atts Power Dissipation
Features
Schottky barrier chip
Guard ring die construction for transient protection
Low power loss, high efficiency
High surge capability
High current capability and low forward voltage drop
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection application
Plastic material: UL flammability
Classification rating 94V-0
Mechanical Data
Case: SOD-123, Plastic
Leads:
Solderable per MIIL-STD-202,
Method 208
Polarity: Cathode Band
Marking: Date Code and Type Code or Date
Code only
Type Code: SL
W eight: 0.01 grams (approx.)
SOD-123
Dimensions in inches and (m illim eters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
SD
1002
SD
1003
SD
1004
SD
1006
Units
Repetitive Peak Reverse Voltage
W orking Peak Reverse Voltage,
@ IR=1.0mA
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
60
V
RMS Reverse Voltage
VR(RMS)
28
42
V
Average Rectifier Output Current
@ TL= 90
OC
Io
1.0
A
Non-Repetitive Peak Forward Surge
Current 8.3ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC Method)
IFSM
25
A
Power Dissipation (Note 2)
Pd
450
mW
Typical Thermal Resistance Junction to Ambient
Air (Note 2)
R
θ
JA
222
OC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 125
OC
Electrical Characteristics
Maximum Forward Voltage (Note 1)
IF=1.0A
VF
0.45
0.50
0.55
0.70
V
Typ
Max
Reverse Leakage Current
(Note 1)
VR=40V, TA=25
℃
VR=40V, TA=100
℃
VR=4V,
TA=25
℃
VR=4V,
TA=100
℃
VR=6V,
TA=25
℃
VR=6V,
TA=100
℃
IR
_
10
1
15
1.5
1.0
10
50
2
75
3
1.0
mA
mA
uA
mA
uA
mA
Junction Capacitance
VR=4V, f=1.0MHz
Cj
_
110
_
_
pF
Notes: 1. Pulse Test: Pulse width = 300 us, Duty Cycle
≦2%.
2. Valid Provided that Leads are Kept at Ambient Temperature at a Distance of 9.5mm from
the case.


Số phần tương tự - SD1004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SD1004 ETC-SD1004 Datasheet
50Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifier
logo
Sirectifier Semiconduct...
SD1004 SIRECTIFIER-SD1004 Datasheet
225Kb / 2P
Discrete Diodes
logo
Won-Top Electronics
SD1004CS-T3 WTE-SD1004CS-T3 Datasheet
46Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Mô tả tương tự - SD1004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B130L DIODES-B130L_1 Datasheet
69Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. 6 - 2
logo
SUNMATE electronic Co.,...
BYM13-20 SUNMATE-BYM13-20 Datasheet
222Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 18
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 1
DFLS130LQ DIODES-DFLS130LQ_15 Datasheet
202Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 1
B130L DIODES-B130L_15 Datasheet
118Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com