| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SA43 bảng dữ liệu(PDF) 4 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
SA43 bảng dữ liệu(HTML) 4 Page - Taiwan Semiconductor Company, Ltd |
|
4 / 5 page ![]() ELECTRICAL CHARACTERISTICS (TA=25 OC unless otherwise noted) Breakdown Voltage Test Stand-Off Maximum Maximum Maximum Maximum Device VBR Current Voltage Reverse Leakage Peak Pulse Clamping Temperature (Volts) (Note 1) @IT VWM at VWM Current IPPM Voltage at IPPM Coefficient Min Max (mA) (Volts) ID (uA) (Note 2)(Amps) VC(Volts) of VBR mV / OC) SA45 50.0 61.1 1.0 45.0 1.0 6.5 80.3 58.0 SA45A 50.0 55.3 1.0 45.0 1.0 7.2 72.7 52.0 SA48 53.3 65.2 1.0 48.0 1.0 6.1 85.5 63.0 SA48A 53.3 58.9 1.0 48.0 1.0 6.7 77.4 56.0 SA51 56.7 69.3 1.0 51.0 1.0 5.7 91.1 66.0 SA51A 56.7 62.7 1.0 51.0 1.0 6.3 82.4 61.0 SA54 60.0 73.3 1.0 54.0 1.0 5.4 96.3 71.0 SA54A 60.0 66.3 1.0 54.0 1.0 6.0 87.1 65.0 SA58 64.4 78.7 1.0 58.0 1.0 5.0 103 78.0 SA58A 64.4 71.2 1.0 58.0 1.0 5.6 93.6 70.0 SA60 66.7 81.5 1.0 60.0 1.0 4.9 107 80.0 SA60A 66.7 73.7 1.0 60.0 1.0 5.4 96.8 71.0 SA64 71.1 86.9 1.0 64.0 1.0 4.6 114 86.0 SA64A 71.1 78.6 1.0 64.0 1.0 5.0 103 76.0 SA70 77.8 95.1 1.0 70.0 1.0 4.2 125 94.0 SA70A 77.8 86 1.0 70.0 1.0 4.6 113 85.0 SA75 88.3 102 1.0 75.0 1.0 3.9 134 101 SA75A 88.3 92.1 1.0 75.0 1.0 4.3 121 91 SA78 86.7 103 1.0 78.0 1.0 3.7 139 105 SA78A 86.7 95.8 1.0 78.0 1.0 4.1 126 95 SA85 94.4 115 1.0 85.0 1.0 3.4 151 114 SA85A 94.4 104 1.0 85.0 1.0 3.8 137 103 SA90 100 122 1.0 90.0 1.0 3.2 160 121 SA90A 100 111 1.0 90.0 1.0 3.5 146 110 SA100 111 136 1.0 100 1.0 2.9 179 135 SA100A 111 123 1.0 100 1.0 3.2 162 123 SA110 122 149 1.0 110 1.0 2.6 196 148 SA110A 122 135 1.0 110 1.0 2.9 177 133 SA120 133 163 1.0 120 1.0 2.4 214 162 SA120A 133 147 1.0 120 1.0 2.7 193 146 SA130 144 176 1.0 130 1.0 2.2 230 175 SA130A 144 159 1.0 130 1.0 2.5 209 158 SA150 167 204 1.0 150 1.0 1.9 268 203 SA150A 167 185 1.0 150 1.0 2.1 243 184 SA160 178 218 1.0 160 1.0 2.0 257 217 SA160A 178 197 1.0 160 1.0 2.0 259 196 SA170 189 231 1.0 170 1.0 1.7 304 230 SA170A 189 209 1.0 170 1.0 1.9 275 208 Notes: 1. VBR measured after IT applied for 300us, IT = square wave pulse or equivallent. 2. Surge current waveform per Figure 3 and derate per Figure 2. 3. For bipolar types with VWM of 10 Volts and under, the ID limit is doubled. 4. All terms and symbols are consistent ANSI/IEEE C62.35. Version: B07 |