| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
27C64 bảng dữ liệu(PDF) 9 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
27C64 bảng dữ liệu(HTML) 9 Page - SYC Electronica |
|
9 / 11 page ![]() Speed -15 150 ns -20 200 ns -25 250 ns -30 300 ns Package F FDIP28W C PLCC32 Temperature Range 1 0 to 70 °C 6 –40 to 85 °C Option X Additional Burn-in TR Tape & Reel Packing Example: M27C64A -15 C 1 TR ORDERING INFORMATION SCHEME For a list of available options (Speed, Package, etc...) refer to the current Memory Shortform catalogue. For further information on any aspect of this device, please contact the STMicroelectronics Sales Office nearest to you. 9/12 M27C64A |