| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPADMSOP bảng dữ liệu(PDF) 3 Page - Amkor Technology |
|
|
|||||||||||||||||||||||||||||
EPADMSOP bảng dữ liệu(HTML) 3 Page - Amkor Technology |
|
3 / 3 page ![]() With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies. © 2021 Amkor Technology, Incorporated. All Rights Reserved. DS571N-EN Rev Date: 12/21 Visit amkor.com or email sales@amkor.com for more information. Configuration Options ePad TSSOP, ePad MSOP, ePad SOIC and ePad SSOP Nominal Package Dimensions (mm) Package Type Lead Count Body Width Body Length Body Thickness Standoff Overall Height Lead Pitch Tip-to-Tip JEDEC ExposedPad TSSOP 8 4.4 3.0 0.90 0.10 1.00 0.65 6.4 MO-153 14 4.4 5.0 0.90 0.10 1.00 0.65 6.4 MO-153 16 4.4 5.0 0.90 0.10 1.00 0.65 6.4 MO-153 20 4.4 6.5 0.90 0.10 1.00 0.65 6.4 MO-153 28 4.4 9.7 0.90 0.10 1.00 0.65 6.4 MO-153 38 4.4 9.7 0.90 0.10 1.00 0.50 6.4 MO-153 ExposedPad MSOP 8 3.0 3.0 0.85 0.10 0.95 0.65 5.0 MO-187 10 3.0 3.0 0.85 0.10 0.95 0.50 5.0 MO-187 ExposedPad SOIC 8 3.9 4.9 1.47 0.05 1.52 1.27 6.00 MO-012 16 3.9 9.9 1.47 0.05 1.52 1.27 6.0 MO-012 ExposedPad SSOP 36 7.6 10.3 2.28 0.05 2.45 0.50 10.40 MO-271 ePad TSSOP/MSOP/SOIC/SSOP |