công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSM3K77MFV bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor

tên linh kiện SSM3K77MFV
Giải thích chi tiết về linh kiện  MOSFETs Silicon N-Channel MOS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K77MFV bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor

  SSM3K77MFV Datasheet HTML 1Page - Toshiba Semiconductor SSM3K77MFV Datasheet HTML 2Page - Toshiba Semiconductor SSM3K77MFV Datasheet HTML 3Page - Toshiba Semiconductor SSM3K77MFV Datasheet HTML 4Page - Toshiba Semiconductor SSM3K77MFV Datasheet HTML 5Page - Toshiba Semiconductor SSM3K77MFV Datasheet HTML 6Page - Toshiba Semiconductor SSM3K77MFV Datasheet HTML 7Page - Toshiba Semiconductor SSM3K77MFV Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SSM3K77MFV
3
5. Electrical Characteristics
5.1. Static Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Gate leakage current
Drain cut-off current
Drain-source breakdown voltage
Drain-source breakdown voltage
Gate threshold voltage
Drain-source on-resistance
Forward transfer admittance
(Note 1)
(Note 2)
(Note 3)
(Note 3)
Symbol
IGSS
IDSS
V(BR)DSS
V(BR)DSX
Vth
RDS(ON)
|Yfs|
Test Condition
VGS = ±5 V, VDS = 0 V
VGS = ±10 V, VDS = 0 V
VDS = 20 V, VGS = 0 V
ID = 1 mA, VGS = 0 V
ID = 1 mA, VGS = -10 V
VDS = 3 V, ID = 1 mA
ID = 100 mA, VGS = 4.5 V
ID = 50 mA, VGS = 2.5 V
ID = 20 mA, VGS = 1.8 V
ID = 10 mA, VGS = 1.5 V
VDS = 3 V, ID = 100 mA
Min
�
�
�
20
12
0.35
�
�
�
�
0.14
Typ.
�
�
�
�
�
�
1.65
2.16
2.66
3.07
0.28
Max
±0.08
±1
0.08
�
�
1.0
2.20
3.02
4.05
5.60
�
Unit
µA
V
Ω
S
Note 1: If a reverse bias is applied between gate and source, this device enters V(BR)DSX mode. Note that the drain-
source breakdown voltage is lowered in this mode.
Note 2: Let Vth be the voltage applied between gate and source that causes the drain current (ID) to below (1 mA for
this device). Then, for normal switching operation, VGS(ON) must be higher than Vth, and VGS(OFF) must be
lower than Vth. This relationship can be expressed as: VGS(OFF) < Vth < VGS(ON).
Take this into consideration when using the device.
Note 3: Pulse measurement.
5.2. Dynamic Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Input capacitance
Reverse transfer capacitance
Output capacitance
Switching time (turn-on time)
Switching time (turn-off time)
Symbol
Ciss
Crss
Coss
ton
toff
Test Condition
VDS = 10 V, VGS = 0 V,
f = 1 MHz
VDD = 10 V, ID = 100 mA,
VGS = 0 to 2.5 V, RGS = 50 Ω
Common source, See Chapter
5.3.
Min
�
�
�
�
�
Typ.
12
4.1
5.5
18
36
Max
�
�
�
�
�
Unit
pF
ns
5.3. Switching Time Test Circuit
Fig. 5.3.1
Switching Time Test Circuit
Fig. 5.3.2
Input Waveform/Output Waveform
5.4. Source-Drain Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Diode forward voltage
(Note 1)
Symbol
VDSF
Test Condition
ID = -250 mA, VGS = 0 V
Min
�
Typ.
-0.90
Max
-1.2
Unit
V
Note 1: Pulse measurement.
2024-03-22
Rev.1.0
©2024
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com