công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TIPL765 bảng dữ liệu(PDF) 6 Page - Power Innovations Ltd

tên linh kiện TIPL765
Giải thích chi tiết về linh kiện  NPN SILICON POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POINN [Power Innovations Ltd]
Trang chủ  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPL765 bảng dữ liệu(HTML) 6 Page - Power Innovations Ltd

  TIPL765 Datasheet HTML 1Page - Power Innovations Ltd TIPL765 Datasheet HTML 2Page - Power Innovations Ltd TIPL765 Datasheet HTML 3Page - Power Innovations Ltd TIPL765 Datasheet HTML 4Page - Power Innovations Ltd TIPL765 Datasheet HTML 5Page - Power Innovations Ltd TIPL765 Datasheet HTML 6Page - Power Innovations Ltd TIPL765 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TIPL765, TIPL765A
NPN SILICON POWER TRANSISTORS
6
AUGUST 1978 - REVISED MARCH 1997
PRODUCT
INFORMATION
SOT-93
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
SOT-93
ALL LINEAR DIMENSIONS IN MILLIMETERS
4,90
4,70
1,37
1,17
0,78
0,50
2,50 TYP.
15,2
14,7
12,2 MAX.
16,2 MAX.
18,0 TYP.
31,0 TYP.
1,30
1,10
11,1
10,8
4,1
4,0
3,95
4,15
1
2
3
NOTE A: The centre pin is in electrical contact with the mounting tab.
MDXXAW
ø



Html Pages

1 2 3 4 5 6 7