| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KB847BC bảng dữ liệu(PDF) 6 Page - Kingbright Corporation |
|
|
|||||||||||||||||||||||||||||
KB847BC bảng dữ liệu(HTML) 6 Page - Kingbright Corporation |
|
6 / 9 page ![]() SPEC NO: DSAD1552 REV NO: V.7 DATE: NOV/212005 PAGE: 6 OF 9 APPROVED: J. Lu CHECKED: Tracy Deng DRAWN: Y.W.WANG ERP:1205000027 PHOTOCOUPLER P/N: KB847 Fig. 11 Collector-emitter Saturation Voltage vs. Forward Current ****NOTES ON HANDLING 1.Recommended soldering conditions (Dip soldering) (1) Dip soldering Temperature 260 °C or below (molten solder temperature) Time Less than 10 seconds. Cycle One cycle allowed to be dipped in solder including plastic mold portion. Flux Rosin flux containing small amount of chorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.) (2) Cautions Fluxes Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent. 2.Cautions regarding noise Be aware that power is suddenly into the componment any surge current may cause damage happen, even if the voltage is within the absolute maximum ratings. |