công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RFPO45PSBLF bảng dữ liệu(PDF) 1 Page - Rakon Limited

tên linh kiện RFPO45PSBLF
Giải thích chi tiết về linh kiện  IC OCXO | MERCURY ™ MINIATURE SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RAKON [Rakon Limited]
Trang chủ  https://www.rakon.com/
Logo RAKON - Rakon Limited

RFPO45PSBLF bảng dữ liệu(HTML) 1 Page - Rakon Limited

  RFPO45PSBLF Datasheet HTML 1Page - Rakon Limited RFPO45PSBLF Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IC OCXO | MERCURY ™  MINIATURE SERIES 
 
 
www.rakon.com 
sales@rakon.com 
Page 1 of 2 
 
RFPO45 
The RFPO45 is from the world’s smallest and first ASIC‐based OCXO and utilizes Rakon’s patented Mercury™ ASIC technology. This Stratum 
3 compliant oscillator delivers temperature stability as low as ±10ppb (over ‐20 to 70°C) and is capable of short term aging typically less than 
±2ppb per day. 
With a highly integrated oven included, the RFPO45 ensures short warm‐up times and consumes very low power – only 350mW at room 
temperature. The ASIC architecture delivers a 1000x reliability improvement when compared to traditional discrete OCXOs.  
 
Standard Specifications 
Parameter  
Min. 
Typ. 
Max. 
Unit 
Test Condition / Description  
Nominal frequency 
 
10 – 26 
 
MHz 
Standard frequencies: 10, 12.8, 19.2, 19.44, 20, 
24.576, 25 and 26MHz 
Frequency calibration  
 
 
±0.5 
ppm 
Initial accuracy at 25°C ±2°C  
Reflow shift 
 
 
±1 
ppm 
Pre to post reflow ∆F (measured ≥ 60 minutes 
after reflow) 
Frequency stability over temperature in 
still air 
  
±10 – 
±100 
ppb 
Reference to (FMAX + FMIN)/2 
Frequency slope ΔF/ΔT in still air 
 
 
±0.5 – ±2 
ppb/°C 
Temperature ramp ≤ 1°C/minute 
Operating temperature range ‐40  
85 
°C  
Supply voltage stability 
 
±10 
 
ppb 
±5% variation, frequency ≤ 26MHz 
Load sensitivity  
±10  
ppb 
±5pF / ±10% variation, frequency ≤ 26MHz 
Warm‐up time 
 
< 3 
 
minutes 
The time needed for the frequency to be within 
±20ppb of the frequency after 1 hour, at 25°C. 
This parameter is frequency, assembly and 
operating history dependent 
Acceleration sensitivity  
< 2  
ppb/g 
Gamma vector of all 3 axes, 30 to 1500Hz 
Holdover drift 
 
< ±2.5 – 4 
 
ppb 
24 hours, temperature variation ≤ ±1°C. After 30 
days of continuous operation 
Free‐run accuracy  
±4.6  
ppm 
All causes, 20 years life, reference to nominal 
frequency 
Loop bandwidth for wander generation 
compliance 
3 
 
 
mHz 
MTIE compliant with GR‐1244 Fig 5‐5 & G.812 
Type III Fig1 (≤ 100 ns), TDEV compliant with GR‐
1244 Fig 5‐4 & G.812 Type III Fig2 (≤ 10 ns), 
oscillator stabilised 24 hours at Constant 
temperature (±1°C, still air), data collected over 
100,000 seconds at 1 second intervals (‐3dB cut‐
off, 2nd order high pass loop filter) 
Long term stability (ageing) 
 
 
< ±2 
 
 
±1 
±3 
ppb 
ppm 
ppm 
Per day (after 30 days of continuous operation) 
First year 
10 years 
Root Allan Variance (20MHz) 
 
7.10‐11 
 
 
tau = 1.0s 
Supply voltage (Vcc)  
2.7 – 5.5 
 
V 
±5% 
Input power (warm up) 
 
1000 
 
mW 
‐40 to 85°C devices 
Input power (steady state in still air,25°C)  
 
400 
mW ‐40 to 85°C devices 
Oscillator output – HCMOS 
Output voltage level high (VOH) 
Output voltage level high (VOL) 
Duty cycle 
Rise and fall times 
Load 
 
 
90% Vcc 
45 
 
0 
 
 
 
 
 
15 
 
10% Vcc 
 
55 
4 
30 
 
V 
V 
% 
ns 
pF 
 
 
 
At 50% level 
10 to 90% 
 
Features 
Applications  
9.7 x 7.5 x 4.3
 mm 
 Small form factor 
 Frequency stability over temperature as low as 
±10ppb
 over ‐20 to 70°C 
 Low power consumption 
 High reliability 
 Stratum 3 
 Small Cells  
 Switches and Routers 
 Time & Frequency References 
 SyncE and IEEE 1588  
 
 
 


Số phần tương tự - RFPO45PSBLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
More results

Mô tả tương tự - RFPO45PSBLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nel Frequency Controls,...
OC-X87XXXXX NEL-OC-X87XXXXX Datasheet
43Kb / 3P
Micro-miniature OCXO
logo
List of Unclassifed Man...
VFT8 ETC1-VFT8 Datasheet
180Kb / 1P
Micro Miniature OCXO
logo
ECM Electronics Limited...
VFT8 ECM-VFT8 Datasheet
180Kb / 1P
Micro Miniature OCXO
logo
Advanced XTAL Products
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
OCXO Miniature size with Stratum 3E stability
2005-07-15
AXIOM60 AXTAL-AXIOM60 Datasheet
54Kb / 2P
Miniature OCXO with Stratum III stability option
2005-07-15
logo
CTS Corporation
1914 CTS-1914 Datasheet
199Kb / 5P
Miniature OCXO
logo
Advanced XTAL Products
AXIOM30-15 AXTAL-AXIOM30-15 Datasheet
87Kb / 2P
High Stability Miniature OCXO with HCMOS Output
AXIOM37-8 AXTAL-AXIOM37-8 Datasheet
102Kb / 4P
Low Power Miniature OCXO in DIL8 package
logo
Raltron Electronics Cor...
OX2000A RALTRON-OX2000A Datasheet
132Kb / 2P
Miniature OCXO in standard 14-pin DIP package
OX2551A RALTRON-OX2551A Datasheet
34Kb / 2P
Miniature OCXO in modified CO-15 package
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com