| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
471.0200307 bảng dữ liệu(PDF) 2 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
471.0200307 bảng dữ liệu(HTML) 2 Page - France Joint |
|
2 / 2 page ![]() L1 R1 max = 0,4 45° x 0,5 C H1 H2 DIMENSIONS Part number Rod diameter Ød1 h9 Groove diameter ØD1 H8 Groove width L1 0/+0.20 Seal height H2 471.0613345 6.00 13.00 3.00 4.50 471.0100163 10.00 16.00 3.00 4.50 471.0120204 12.00 20.00 4.00 6.00 471.0160265 16.00 26.00 5.00 8.00 471.0180287 18.00 28.00 7.00 10.00 471.0200284 20.00 28.00 4.00 7.00 471.0200285 20.00 28.00 5.00 8.00 471.0200307 20.00 30.00 7.00 10.00 471.0220285 22.00 28.00 5.00 8.00 471.0250355 25.00 35.00 5.00 8.00 471.0250357 25.00 35.00 7.00 10.00 471.0280385 28.00 38.00 5.00 8.00 471.0280407 28.00 40.00 7.00 10.00 471.0300405 30.00 40.00 5.00 8.00 471.0300407 30.00 40.00 7.00 10.00 471.0320427 32.00 42.00 7.00 10.00 471.0350457 35.00 45.00 7.00 10.00 471.0400505 40.00 50.00 5.00 8.00 471.0400507 40.00 50.00 7.00 10.00 471.0450557 45.00 55.00 7.00 10.00 471.0450607 45.00 60.00 7.00 10.00 Part number Rod diameter Ød1 h9 Groove diameter ØD1 H8 Groove width L1 0/+0.20 Seal height H2 471.0500565 50.00 56.00 5.00 8.00 471.0500605 50.00 60.00 5.00 7.00 471.0500607 50.00 60.00 7.00 10.00 471.0500657 50.00 65.00 7.00 10.00 471.0550657 55.00 65.00 7.00 10.00 471.0560657 56.00 65.00 7.00 10.00 471.0560667 56.00 66.00 7.00 10.00 471.0650757 65.00 75.00 7.00 10.00 471.0700807 70.00 80.00 7.00 10.00 471.0750857 75.00 85.00 7.00 10.00 471.0800907 80.00 90.00 7.00 10.00 471.0850957 85.00 95.00 7.00 10.00 471.0901007 90.00 100.00 7.00 10.00 471.1001107 100.00 110.00 7.00 10.00 471.1051157 105.00 115.00 7.00 10.00 471.1101207 110.00 120.00 7.00 10.00 471.1251409 125.00 140.00 9.00 12.00 471.1351457 135.00 145.00 7.00 10.00 471.1801950 180.00 195.00 10.00 14.00 471.2202402 220.00 240.00 12.00 16.00 The figures highlighted in bold correspond to the rod diameters that are recommended by standard ISO 3320. Other intermediate sizes can be provided. FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France Ph. +33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com HYDRAULIC SEALS | WIPER SEALS | BECA 471 |