công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMASE063SB7331MFCA18 bảng dữ liệu(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

tên linh kiện MMASE063SB7331MFCA18
Giải thích chi tiết về linh kiện  Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Trang chủ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MMASE063SB7331MFCA18 bảng dữ liệu(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  MMASE063SB7331MFCA18 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc MMASE063SB7331MFCA18 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc MMASE063SB7331MFCA18 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
MMASE063SB7331MFCA18 (Previous PN: EMK063B7331MP8FE)
Features
Item Summary
330pF±20%, 16V,
X7R, 0201/0603 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Paper 15000pcs
Products characteristics table
Capacitance
330 pF ± 20 %
Case Size (EIA/JIS)
0201/0603
Rated Voltage
16 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X7R
Operating Temp. Range (EIA)
-55 to +125 ℃
Capacitance Change(EIA)
±15 %
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS Compliance (10 subst.)
Yes
REACH Compliance (240 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
0.6 ±0.03 mm
Dimension W
0.3 ±0.03 mm
Dimension T
0.3 ±0.03 mm
Dimension e
0.15 ±0.05 mm
2024.11.28
1 / 1


Số phần tương tự - MMASE063SB7331MFCA18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiyo Yuden (U.S.A.), I...
MMASE063SB7331KFCA18 TAIYO-YUDEN-MMASE063SB7331KFCA18 Datasheet
448Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
More results

Mô tả tương tự - MMASE063SB7331MFCA18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiyo Yuden (U.S.A.), I...
MMASE063SB7681KFCA01 TAIYO-YUDEN-MMASE063SB7681KFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASJ063SD7223MFCA01 TAIYO-YUDEN-MMASJ063SD7223MFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASJ063SD7333MFCA01 TAIYO-YUDEN-MMASJ063SD7333MFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASJ063SD7473KFCA01 TAIYO-YUDEN-MMASJ063SD7473KFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASJ063SD7473MFCA01 TAIYO-YUDEN-MMASJ063SD7473MFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASL063SB7681MFCA01 TAIYO-YUDEN-MMASL063SB7681MFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASU105AB7683KFCA01 TAIYO-YUDEN-MMASU105AB7683KFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
2022.04.05
MMASE21GBD7106KTCA01 TAIYO-YUDEN-MMASE21GBD7106KTCA01 Datasheet
434Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
22Z1A09
MMASJ21GBD7226MTCA01 TAIYO-YUDEN-MMASJ21GBD7226MTCA01 Datasheet
449Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
MMASL063SC7104KFCA01 TAIYO-YUDEN-MMASL063SC7104KFCA01 Datasheet
449Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for Medical Devices classified as GHTF Class C (Japan Class III)
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com