| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XN-DCPWR-750W-R bảng dữ liệu(PDF) 5 Page - Extreme Networks. |
|
|
|||||||||||||||||||||||||||||
XN-DCPWR-750W-R bảng dữ liệu(HTML) 5 Page - Extreme Networks. |
|
5 / 7 page ![]() Layer 2 Switching Conversational MAC Learning Virtual Link Aggregation Group (vLAG) spanning Layer 2 Access Control Lists (ACLs) Address Resolution Protocol (ARP) RFC 826 Layer 2 Loop prevention in an overlay environment MLD Snooping IGMP v1/v2 Snooping MAC Learning and Aging Link Aggregation Control Protocol (LACP) IEEE 802.3ad/802.1AX Virtual Local Area Networks (VLANs) VLAN Encapsulation 802.1Q Per-VLAN Spanning Tree (PVST+/PVRST+) Rapid Spanning Tree Protocol (RSTP) 802.1w Multiple Spanning Tree Protocol (MSTP) 802.1s STP PortFast, BPDU Guard, BPDU Filter STP Root Guard Pause Frames 802.3x Static MAC Configuration Multi-Chassis Trunking (MCT) DCB features (HW ready) Layer 3 Routing Border Gateway Protocol (BGP4+) DHCP Helper Layer 3 ACLs IGMPv2 OSPF v2/v3 Static routes IPv4/v6 ACL Bidirectional Forwarding Detection (BFD) 64-Way ECMP VRF Lite VRF-aware OSPF, BGP, VRRP, static routes VRRP v2 and v3 IPv4/IPv6 dual stack ICMPv6 Route-Advertisement Guard Route Policies IPv6 ACL packet filtering BGP Additional-Path BGP-Allow AS BGP Generalized TTL Security Mechanism (GTSM) BGP Peer Auto Shutdown IPv6 routing OSPF Type-3 LSA Filter Wire-speed routing for IPv4 and IPv6 using any routing protocol BGP- EVPN Control Plane Signaling RFC 7432 BGP-EVPN VXLAN Standard-based Overlay Multi-VRF IP Unnumbered Interface VRRP-E Automation and Programmability gRPC Streaming protocol and API REST API with YANG data model Python PyNOS libraries DHCP automatic provisioning NETCONF API High Availability Bidirectional Forwarding Detection (BFD) Quality of Service ACL-based QoS Class of Service (CoS) IEEE 802.1p DSCP Trust DSCP to Traffic Class Mutation DSCP to CoS Mutation DSCP to DSCP Mutation Random Early Discard Per-port QoS configuration ACL-based Rate Limit Dual-rate, three-color token bucket ACL-based remarking of CoS/DSCP/Precedence ACL-based sFlow Scheduling: Strict Priority (SP), Deficit Weighted Round-Robin (DWRR) Management and Monitoring Zero-Touch Provisioning (ZTP) IPv4/IPv6 management Industry-standard Command Line Interface (CLI) NETCONF API RESTCONF API with YANG data model SSH/SSHv2 Link Layer Discovery Protocol (LLDP) IEEE 802.1AB MIB II RFC 1213 MIB Syslog (RASlog, AuditLog) Management VRF Switched Port Analyzer (SPAN) Telnet SNMPv1, v2c, v3 sFlow version 5 Out-of-band management RMON-1, RMON-2 NTP Management Access Control Lists (ACLs) Role-Based Access Control (RBAC) Range CLI support Python DHCP Option 82 Insertion DHCP Relay Timestamping Security Port-based Network Access Control 802.1X RADIUS AAA TACACS+ Secure Shell (SSHv2) TLS 1.1, 1.2 HTTP/HTTPS BPDU Drop Lightweight Directory Access Protocol (LDAP) Secure Copy Protocol Control Plane Policing (CPP) LDAP/AD SFTP Port Security Environmental Specifications EN/ETSI 300 019-2-1 v2.1.2 - Class 1.2 Storage EN/ETSI 300 019-2-2 v2.1.2 - Class 2.3 Transportation EN/ETSI 300 019-2-3 v2.1.2 - Class 3.1e Operational EN/ETSI 300 753 (1997-10) - Acoustic Noise ASTM D3580 Random Vibration Unpackaged 1.5 G Environmental Compliance EU RoHS 2011/65/EU EU WEEE 2012/19/EU China RoHS 2 GB/T 26572 Taiwan RoHS CNS 15663 (2013.7) www.extremenetworks.com 5 |