| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM124D bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM124D bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 64 page ![]() 11.2 Tape and Reel Information Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 Reel Diameter User Direction of Feed P1 Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LM324BIRTER WQFN RTE 16 5000 330 12.4 3.3 3.3 1.1 8 12 Q2 LM2902BIRTER WQFN RTE 16 5000 330 12.4 3.3 3.3 1.1 8 12 Q2 LM124, LM124A, LM224, LM224A, LM224K, LM224KA LM324, LM324A, LM324B, LM324BA, LM324K, LM324KA LM2902, LM2902B, LM2902BA, LM2902K, LM2902KV, LM2902KAV SLOS066AD – SEPTEMBER 1975 – REVISED OCTOBER 2024 www.ti.com 30 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324BA LM324K LM324KA LM2902 LM2902B LM2902BA LM2902K LM2902KV LM2902KAV |