| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM124AFKB bảng dữ liệu(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM124AFKB bảng dữ liệu(HTML) 27 Page - Texas Instruments |
|
27 / 64 page ![]() 9 Device and Documentation Support 9.1 Receiving Notification of Documentation Updates To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on Notifications to register and receive a weekly digest of any product information that has changed. For change details, review the revision history included in any revised document. 9.2 Support Resources TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight from the experts. Search existing answers or ask your own question to get the quick design help you need. Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of Use. 9.3 Trademarks TI E2E™ is a trademark of Texas Instruments. All trademarks are the property of their respective owners. 9.4 Electrostatic Discharge Caution This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. 9.5 Glossary TI Glossary This glossary lists and explains terms, acronyms, and definitions. 10 Revision History NOTE: Page numbers for previous revisions may differ from page numbers in the current version. Changes from Revision AC (March 2024) to Revision AD (October 2024) Page • Removed the D (SOIC, 14) package preview note from the B and BA devices.................................................1 Changes from Revision AB (November 2023) to Revision AC (March 2024) Page • Added preview note to the WQFN-16 package pinout....................................................................................... 3 • Added LM324BIRTER and LM2902BIRTER preview information to the Mechanical, Packaging, and Orderable Information section.......................................................................................................................... 28 Changes from Revision AA (September 2023) to Revision AB (November 2023) Page • Changed the status of LM324BA and LM2902BA from: preview to: active........................................................1 Changes from Revision Z (April 2023) to Revision AA (September 2023) Page • Removed preview note from TSSOP-14 BA devices in Device Information table..............................................1 • Changed the format of the Package Information table to include package lead size.........................................1 www.ti.com LM124, LM124A, LM224, LM224A, LM224K, LM224KA LM324, LM324A, LM324B, LM324BA, LM324K, LM324KA LM2902, LM2902B, LM2902BA, LM2902K, LM2902KV, LM2902KAV SLOS066AD – SEPTEMBER 1975 – REVISED OCTOBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 27 Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324BA LM324K LM324KA LM2902 LM2902B LM2902BA LM2902K LM2902KV LM2902KAV |