| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56600 bảng dữ liệu(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56600 bảng dữ liệu(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 108 page ![]() Extended Algorithm Program Listing Viterbi Decoder Implementation B-5 ;*******************viterbi add, compare, select butterfly macro*** ; FUNCTION: Update path metrics/paths for the Viterbi algorithm by ; doing an add,compare,select update for state pairs. ; INPUTS: ; r2 should point to the beginning of the branch metric table ; r5 should point to the latest path metric for state 0 ; r4 should point to the storage location for updated state 0 ; n5 should offset addresses by NUMSTATES/2 ; OUTPUTS: ; Updated path metrics/paths stored in XY memory ; REGISTERS USED: ; a,b,y01,r2,r4,r5,n5 r2 unchanged (modulo req'd) ; Registers: ; r5, pointer to the path metric/path table, arranged as ; x: path metric, y: path,states ordered assuming ; bits shift right to left. ; r4, pointer to the output path metric/path table ; r0, pointer to the branch metric table, arranged ; as x:C, y:D, CD,CD,CD, etc. ; ; SA------NSA ; \ C / ; D \ / ; \/ ; /\ ; D / \ ; / \ ; SB------NSB ; C ;***************************************************************** ; ACS macro ; ; move #BRY,r2 ;r2 points to branch metrics move l:(r2)+,y ;get first branch metric move l:(r5)+n5,a ;load 1st metric/path pair ; do #NoAcs,_P_NextStage ;update each state add y0,a l:(r5)-n5,b ;sum pt,br met,get next pair add y1,b ;update metric max a,b l:(r5)+n5,a ;pick max, reload 1st pair vsl b,0,l:(r4)+ ;save surivior, end top half add y1,a l:(r5)-n5,b ;sum pt,br,reload next pair add y0,b (r5)+ ;sum again,inc pt mt read ptr max a,b l:(r5)+n5,a ;pick max, load next pair move l:(r2)+,y ;load next branch metrics vsl b,1,l:(r4)+ ;write survivor,end 2nd half _P_NextStage nop ;needed to separate do loop ends endm Example B-1 Extended Algorithm Program Listing (Continued) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |