công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC701HT bảng dữ liệu(PDF) 1 Page - Amphenol Wilcoxon Sensing Technologies.

tên linh kiện CC701HT
Giải thích chi tiết về linh kiện  Accelerometer/charge amplifier system
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Trang chủ  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

CC701HT bảng dữ liệu(HTML) 1 Page - Amphenol Wilcoxon Sensing Technologies.

  CC701HT Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Note: Due to continuous process improvement, specifications are subject to change without notice.
This document is cleared for public release.
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
www.wilcoxon.com
SPECIFICATIONS
376/CC701HT
Accelerometer/charge amplifier system
Accessories supplied: SF6 mounting stud; calibration data (level 3)
Notes: 1 Frequency response when using standard 12ft cable. Longer cables will increase
capacitance and decrease frequency response.
Key features
• Industrial ruggedness
• Charge output
• 260°C operation
• Manufactured in ISO 9001 facility
Sensitivity, ±10%, 25°C
100 mV/g
Acceleration range
50 g peak
Amplitude nonlinearity, to 50 g
1%
Frequency response1:
±10%
±3 dB
2 - 10,000 Hz
1 - 15,000 Hz
Resonance frequency
30 kHz
Transverse sensitivity
5% of axial
Temperature response:
–50°C
+260°C
–10%
+20%
Power requirement:
Voltage source
Current regulating diode
18 - 30 VDC
2 - 10 mA
Electrical noise, equiv. g:
Broadband
0.001 g peak
Output impedance
<100 Ω
Bias output voltage
12 VDC
Grounding
ground isolated
Temperature range:
376
CC701HT
–50° to +260°C
–40° to 100°C
Vibration limit
500 g peak
Shock limit
5,000 g peak
Base strain sensitivity
0.002 g/μstrain
Sensing element design
PZT, compression
Weight:
376
CC701HT
75 grams
40 grams
Case material
316L stainless steel
Mounting
1/4-28 tapped hole
Mating connector
BNC jack
Standard cabling
R1-1-J3
Connections
Function
Connector pin
power/signal
pin
common
shell
98603 Rev.B.2 11/22
10-32 connector
0.046" safety
wire hole
0.850"
dia.
1.62"
1.74"
7/8" hex
1/4-28
mounting hole
Model 376
10 - 32 connector
10 - 32 connector
(to transducer)
(to transducer)
BNC connector
BNC connector
(to power supply
(to power supply
and instrumentation)
and instrumentation)
2.2"
2.2"
0.62"
0.62"
Model CC701HT


Số phần tương tự - CC701HT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Wilcoxon Sensi...
CC701HT WILCOXON-CC701HT Datasheet
272Kb / 1P
Charge converter
Rev.B.2 09/18
More results

Mô tả tương tự - CC701HT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
New Japan Radio
NJM3470 NJRC-NJM3470 Datasheet
163Kb / 3P
FDD READ AMPLIFIER SYSTEM
logo
National Semiconductor ...
LM1201 NSC-LM1201 Datasheet
374Kb / 16P
Video Amplifier System
logo
Hamamatsu Corporation
H4083 HAMAMATSU-H4083 Datasheet
223Kb / 2P
Charge amplifier
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
Battery Charge Management System
logo
VTI technologies
SCA620 VTI-SCA620 Datasheet
160Kb / 2P
Accelerometer
SCA1000 VTI-SCA1000 Datasheet
387Kb / 3P
Accelerometer
logo
Texas Instruments
DV2004S1 TI1-DV2004S1_14 Datasheet
2Mb / 7P
Fast-Charge Development System
LM4855 TI1-LM4855 Datasheet
2Mb / 27P
Integrated Audio Amplifier System
logo
Will Semiconductor Ltd.
WAA2995 WILLSEMI-WAA2995 Datasheet
1Mb / 15P
Adaptive Charge-Pump Audio Amplifier
logo
Amphenol Wilcoxon Sensi...
731A-P31 WILCOXON-731A-P31 Datasheet
336Kb / 1P
Seismic accelerometer and power amplifier system
Rev.C.3 09/18
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com