| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC16IS750IPW bảng dữ liệu(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16IS750IPW bảng dữ liệu(HTML) 49 Page - NXP Semiconductors |
|
49 / 62 page ![]() SC16IS740_750_760_5 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 05 — 16 November 2006 49 of 62 NXP Semiconductors SC16IS740/750/760 Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR Fig 29. GPIO pin interrupt (SC16IS750 and SC16IS760 only) 002aab257 A W SDA A R IRQ td4 S A DATA A ACK from master SLAVE ADDRESS IOSTATE REG. SLAVE ADDRESS A td5 GPIOn P ACK from slave ACK from slave Fig 30. Receive interrupt D0 D1 D2 D3 D4 D5 D6 D7 002aab258 next start bit stop bit start bit td6 RX IRQ Fig 31. Receive interrupt clear 002aab259 A W SDA A R IRQ S A DATA A SLAVE ADDRESS RHR SLAVE ADDRESS A td7 P Fig 32. Transmit interrupt clear 002aab260 A W SDA IRQ A DATA A THR REGISTER SLAVE ADDRESS A td8 |