| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PT6520 bảng dữ liệu(PDF) 8 Page - Princeton Technology Corp |
|
|
|||||||||||||||||||||||||||||
PT6520 bảng dữ liệu(HTML) 8 Page - Princeton Technology Corp |
|
8 / 27 page ![]() Tel: 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw PT6520 V1.6 - 8 - February, 2006 LCD Driver IC PT6520 FUNCTION DESCRIPTION DISPLAY COMMANDS (Based on the 80 port MPU; the RD and WR commands differ for the 68 port MPU) Command RD WR A0 D7 D6 D5 D4 D3 D2 D1 D0 Function 1 Display ON/OFF 1 0 0 1 0 1 0 1 1 1 0/1 Switches the entire display ON or OFF, regardless of the Display RAM’s data or the internal status. * 2 Display START Line 1 0 0 1 1 0 Display START address (0-31) Determines the line of RAM data to be displayed at the display’s top line (COM0) 3 Page Address Set 1 0 0 1 0 1 1 1 0 Page (0-3) Sets the page of the Display RAM in the page address register. 4 Column (segment) Address Set 1 0 0 0 Column address (0-79) Sets the column address of the Display RAM in the column address register. 5 Status Read 0 1 0 00 0 0 Read the status. Busy 1: Busy (internal processing) 0: Ready status ADC 1: Rightward (forward) output 0: Leftward (reverse) output ON/OFF 1: Display OFF 0: Display ON RESET 1: Resetting. 0: Normal 6 Write Display Data 1 0 1 Write Data Writes the data on the data bus to RAM 7 Read Display Data 0 1 1 Read Data Reads data from the Display RAM onto the data bus. These commands access a previously-specified address of the Display RAM, after which the column address is incremented by one. 8 ADC Select 1 0 0 1 0 1 0 0 0 0 0/1 Used to reverse the correspondence between the Display RAM’s column address and segment driver output ports 0: Rightward (forward)output 1: Leftward (reverse) output 9 Static Drive ON/OFF 1 0 0 1 0 1 0 0 1 0 0/1 Selects normal display operation or static all-lit drive display operation. 1: Static drive (power save)* 0: Normal display operation |