| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
335.0350436 bảng dữ liệu(PDF) 4 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
335.0350436 bảng dữ liệu(HTML) 4 Page - France Joint |
|
4 / 4 page ![]() Part number Rod diameter Ød1 f8 Groove diameter Ød1 f8 Groove diameter ØD1 H9 Bore diameter ØD1 H10 Seal height H1 Groove width L1 0/+0.5 335.0900750 75.00 90.00 10.00 11.00 335.0900752 75.00 90.00 12.00 13.00 335.0900806 80.00 90.00 6.00 7.00 335.0900801 80.00 90.00 10.00 11.00 335.0800903 80.00 90.00 12.00 13.00 335.0900803 80.00 90.00 13.50 14.50 335.0800921 80.00 92.00 10.00 11.00 335.0800952 80.00 95.00 12.00 13.00 335.1000802 80.00 100.00 12.00 13.00 335.0801009 80.00 100.00 18.00 19.00 335.0811011 81.00 101.50 10.30 11.30 335.0950852 85.00 95.00 12.00 13.00 335.1000852 85.00 100.00 12.00 13.00 335.1000908 90.00 100.00 8.00 9.00 335.1000909 90.00 100.00 9.00 10.00 335.1000902 90.00 100.00 12.00 13.00 335.1100902 90.00 110.00 12.00 13.00 335.1030952 95.00 103.00 12.00 13.00 335.1100952 95.00 110.00 12.00 13.00 335.1150952 95.00 115.00 12.00 13.00 335.1001105 100.00 110.00 4.90 5.50 335.1151002 100.00 115.00 12.00 13.00 335.1201002 100.00 120.00 12.00 13.00 335.1231049 104.80 123.80 9.50 10.50 335.1251052 105.00 125.00 12.00 13.00 335.1251055 105.00 125.00 15.00 16.00 335.1101242 110.00 124.00 12.50 13.50 335.1101252 110.00 125.00 12.00 13.00 335.1251131 113.00 125.00 10.50 11.50 335.1151306 115.00 130.00 5.00 6.00 335.1201305 120.00 130.00 4.90 5.50 335.1401205 120.00 140.00 15.00 16.00 Part number Rod diameter Ød1 f8 Groove diameter Ød1 f8 Groove diameter ØD1 H9 Bore diameter ØD1 H10 Seal height H1 Groove width L1 0/+0.5 335.1401252 125.00 140.00 12.00 13.00 335.1401255 125.00 140.00 15.00 16.00 335.1451255 125.00 145.00 15.00 16.00 335.1301501 130.00 150.00 11.00 12.00 335.1501305 130.00 150.00 15.00 16.00 335.1401505 140.00 150.00 4.90 5.50 335.1601402 140.00 160.00 12.00 13.00 335.1511715 151.00 171.00 15.00 16.00 335.1551856 155.00 185.00 26.00 27.00 335.1601757 160.00 175.00 7.70 8.50 335.1801605 160.00 180.00 15.00 16.00 335.1601845 160.00 184.00 15.50 16.50 335.1751659 165.00 175.00 9.00 10.00 335.1701956 170.00 195.00 16.00 17.00 335.2001709 170.00 200.00 18.00 19.00 335.1742056 174.50 206.00 16.50 17.50 335.1751953 175.00 195.00 13.00 14.00 335.1752006 175.00 200.00 16.00 17.00 335.1852007 185.00 200.00 7.50 8.00 335.2211915 191.80 221.80 15.00 16.00 335.2002255 200.00 225.00 15.00 16.00 335.2252008 200.00 225.00 18.00 19.00 335.2302009 200.00 230.00 18.00 19.00 335.2022205 202.00 220.00 15.00 16.00 335.2112255 211.00 225.00 15.00 16.00 335.2402202 220.00 240.00 12.00 13.00 335.2402552 240.00 255.00 12.00 13.00 335.2602806 260.00 280.00 15.00 16.00 335.2803202 280.00 320.00 20.00 21.00 335.3603909 360.00 390.00 18.00 19.00 335.4304504 430.00 450.00 13.00 14.00 335.4805005 480.00 500.00 15.00 16.00 The figures highlighted in bold correspond to the rod diameters and bore diameters that are recommended by standard ISO 3320. Other intermediate sizes can be provided. FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France Ph. +33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com HYDRAULIC SEALS | PISTON/ROD SEALS | BECA 335 |