công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

335 bảng dữ liệu(PDF) 4 Page - France Joint

tên linh kiện 335
Giải thích chi tiết về linh kiện  PISTON/ROD SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FRANCEJOINT [France Joint]
Trang chủ  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

335 bảng dữ liệu(HTML) 4 Page - France Joint

  335 Datasheet HTML 1Page - France Joint 335 Datasheet HTML 2Page - France Joint 335 Datasheet HTML 3Page - France Joint 335 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part number
Rod
diameter
Ød1 f8
Groove
diameter
Ød1 f8
Groove
diameter
ØD1 H9
Bore
diameter
ØD1 H10
Seal height
H1
Groove
width
L1 0/+0.5
335.0900750
75.00
90.00
10.00
11.00
335.0900752
75.00
90.00
12.00
13.00
335.0900806
80.00
90.00
6.00
7.00
335.0900801
80.00
90.00
10.00
11.00
335.0800903
80.00
90.00
12.00
13.00
335.0900803
80.00
90.00
13.50
14.50
335.0800921
80.00
92.00
10.00
11.00
335.0800952
80.00
95.00
12.00
13.00
335.1000802
80.00
100.00
12.00
13.00
335.0801009
80.00
100.00
18.00
19.00
335.0811011
81.00
101.50
10.30
11.30
335.0950852
85.00
95.00
12.00
13.00
335.1000852
85.00
100.00
12.00
13.00
335.1000908
90.00
100.00
8.00
9.00
335.1000909
90.00
100.00
9.00
10.00
335.1000902
90.00
100.00
12.00
13.00
335.1100902
90.00
110.00
12.00
13.00
335.1030952
95.00
103.00
12.00
13.00
335.1100952
95.00
110.00
12.00
13.00
335.1150952
95.00
115.00
12.00
13.00
335.1001105
100.00
110.00
4.90
5.50
335.1151002
100.00
115.00
12.00
13.00
335.1201002
100.00
120.00
12.00
13.00
335.1231049
104.80
123.80
9.50
10.50
335.1251052
105.00
125.00
12.00
13.00
335.1251055
105.00
125.00
15.00
16.00
335.1101242
110.00
124.00
12.50
13.50
335.1101252
110.00
125.00
12.00
13.00
335.1251131
113.00
125.00
10.50
11.50
335.1151306
115.00
130.00
5.00
6.00
335.1201305
120.00
130.00
4.90
5.50
335.1401205
120.00
140.00
15.00
16.00
Part number
Rod
diameter
Ød1 f8
Groove
diameter
Ød1 f8
Groove
diameter
ØD1 H9
Bore
diameter
ØD1 H10
Seal height
H1
Groove
width
L1 0/+0.5
335.1401252
125.00
140.00
12.00
13.00
335.1401255
125.00
140.00
15.00
16.00
335.1451255
125.00
145.00
15.00
16.00
335.1301501
130.00
150.00
11.00
12.00
335.1501305
130.00
150.00
15.00
16.00
335.1401505
140.00
150.00
4.90
5.50
335.1601402
140.00
160.00
12.00
13.00
335.1511715
151.00
171.00
15.00
16.00
335.1551856
155.00
185.00
26.00
27.00
335.1601757
160.00
175.00
7.70
8.50
335.1801605
160.00
180.00
15.00
16.00
335.1601845
160.00
184.00
15.50
16.50
335.1751659
165.00
175.00
9.00
10.00
335.1701956
170.00
195.00
16.00
17.00
335.2001709
170.00
200.00
18.00
19.00
335.1742056
174.50
206.00
16.50
17.50
335.1751953
175.00
195.00
13.00
14.00
335.1752006
175.00
200.00
16.00
17.00
335.1852007
185.00
200.00
7.50
8.00
335.2211915
191.80
221.80
15.00
16.00
335.2002255
200.00
225.00
15.00
16.00
335.2252008
200.00
225.00
18.00
19.00
335.2302009
200.00
230.00
18.00
19.00
335.2022205
202.00
220.00
15.00
16.00
335.2112255
211.00
225.00
15.00
16.00
335.2402202
220.00
240.00
12.00
13.00
335.2402552
240.00
255.00
12.00
13.00
335.2602806
260.00
280.00
15.00
16.00
335.2803202
280.00
320.00
20.00
21.00
335.3603909
360.00
390.00
18.00
19.00
335.4304504
430.00
450.00
13.00
14.00
335.4805005
480.00
500.00
15.00
16.00
The figures highlighted in bold correspond to the rod diameters and bore diameters that are recommended by standard ISO 3320. Other
intermediate sizes can be provided.
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
HYDRAULIC SEALS | PISTON/ROD SEALS |
BECA 335



Html Pages

1 2 3 4