| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UCS1002-3 bảng dữ liệu(PDF) 107 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS1002-3 bảng dữ liệu(HTML) 107 Page - Microchip Technology |
|
107 / 114 page ![]() 2023 Microchip Technology Inc. and its subsidiaries DS20006852A-page 107 UCS1002-3 Microchip Technology Drawing C04-126-G4 Rev D Sheet 2 of 2 Number of Terminals Overall Height Terminal Width Overall Width Terminal Length Exposed Pad Width Terminal Thickness Pitch Standoff Units Dimension Limits A1 A b E2 A3 e L E N 0.50 BSC 0.20 REF 2.60 0.30 0.18 0.80 0.00 0.25 0.40 2.70 0.90 0.02 4.00 BSC MILLIMETERS MIN NOM 20 2.80 0.50 0.30 1.00 0.05 MAX K- 0.20 - REF: Reference Dimension, usually without tolerance, for information purposes only. BSC: Basic Dimension. Theoretically exact value shown without tolerances. 1. 2. 3. Notes: Pin 1 visual index feature may vary, but must be located within the hatched area. Package is saw singulated Dimensioning and tolerancing per ASME Y14.5M Terminal-to-Exposed-Pad 20-Lead Plastic Quad Flat, No Lead Package (G4) - 4x4 mm Body [QFN] For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Also called VQFN Overall Length Exposed Pad Length D D2 2.60 4.00 BSC 2.70 2.80 |