công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

154.034 bảng dữ liệu(PDF) 1 Page - France Joint

tên linh kiện 154.034
Giải thích chi tiết về linh kiện  ROD SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FRANCEJOINT [France Joint]
Trang chủ  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

154.034 bảng dữ liệu(HTML) 1 Page - France Joint

  154.034 Datasheet HTML 1Page - France Joint 154.034 Datasheet HTML 2Page - France Joint 154.034 Datasheet HTML 3Page - France Joint 154.034 Datasheet HTML 4Page - France Joint 154.034 Datasheet HTML 5Page - France Joint 154.034 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
|
|
EXTRUSION GAPS
Radial section
S
Radial gap
F/2
10 MPa
20 MPa
40 MPa
2.45
0.30
0.20
0.15
3.65
0.40
0.25
0.15
5.35
0.50
0.30
0.20
7.55
0.70
0.40
0.25
10.25
0.80
0.60
0.35
12.00
0.90
0.70
0.40
13.65
1.00
0.80
0.50
19.00
1.20
0.90
0.60
|
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.05 - 0.2 µm
≤1.6 µm
≤3.2 µm
Rz
0.4 - 1.6 µm
≤6.3 µm
≤10.0 µm
Rmax
0.63 - 2.5 µm
≤10.0 µm
≤16.0 µm
|
|
CHAMFERS AND RADIUS
Radial section
S
Radius
R1
Radius
R2
Chamfer
C
2.45
0.30
0.40
3.00
3.65
0.30
0.60
3.00
5.35
0.30
1.00
3.00
7.55
0.30
1.30
5.00
10.25
0.30
1.80
6.00
12.00
0.30
1.80
8.00
13.65
0.30
2.50
10.00
19.00
0.30
3.00
12.00
|
DESCRIPTION
The BECA 150 - 152 - 154 profiles
are single acting composite rod seals
composed of a filled PTFE friction ring
and pre-tightened rubber O'Ring. They
can be assembled in grooves according
to standard ISO 7425/2. Option of
connecting the seal to a back-up ring.
|
ADVANTAGES
Optimal sealing in static and
dynamic applications
Low friction coefficient;
no stick-slip effect
Excellent abrasion and
extrusion resistance
Wide temperature range and excellent
chemical resistance, depending on
the material selected for the O'Ring
|
APPLICATIONS
Mobile hydraulics
Injection presses
Machine tools
Presses
Standard cylinders
|
MATERIALS
Friction ring
Bronze-filled PTFE
Carbon-filled PTFE
Blue GL PTFE
O'Ring
NBR 70 Shore A
FKM 70 Shore A
Other grades of materials are
available. Please refer to the
materials table on the next page.
|
|
TECHNICAL DATA
Temperature
-30°C / +200°C
Pressure
50 MPa
Speed
5 m/s
Media
Mineral hydraulic oils
Fire-resistant liquids
Biocompatible fluids
Water
Others (contact our experts)
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
ROD SEALS
BECA
150-152-154
HYDRAULIC SEALS | ROD SEALS |
BECA 150 - 152 - 154


Số phần tương tự - 154.034

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
154.062 LITTELFUSE-154.062 Datasheet
116Kb / 1P
Surface Mount Fuses
154.062 LITTELFUSE-154.062 Datasheet
153Kb / 1P
FUSE BLOCKS AND CLIPS
154.062 LITTELFUSE-154.062_V01 Datasheet
482Kb / 2P
154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
Revised: 09/16/20
More results

Mô tả tương tự - 154.034

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
Tie rod
7/21/22
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
logo
Festo Corporation.
9254 FESTO-9254 Datasheet
41Kb / 1P
rod eye
14/12/2018
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com