công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3G2.5SY bảng dữ liệu(PDF) 2 Page - Belden Inc.

tên linh kiện 3G2.5SY
Giải thích chi tiết về linh kiện  MachFlex 350 SY Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BELDEN [Belden Inc.]
Trang chủ  https://www.belden.com/
Logo BELDEN - Belden Inc.

3G2.5SY bảng dữ liệu(HTML) 2 Page - Belden Inc.

  3G2.5SY Datasheet HTML 1Page - Belden Inc. 3G2.5SY Datasheet HTML 2Page - Belden Inc. 3G2.5SY Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Conductor 25.00 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
25.9
720.00
3GJSY
3G25SY
4
28.6
960.00
4GJSY
4G25SY
5
31.2
1,200.00
5GJSY
5G25SY
7
33.9
1,680.00
7GJSY
7G25SY
Conductor 16.00 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
21.4
460.50
3GISY
3G16SY
4
23.6
614.00
4GISY
4G16SY
5
26.1
768.00
5GISY
5G16SY
7
28.4
1,075.00
7GISY
7G16SY
Conductor 4.00 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
12.6
115.00
3GFSY
3G4SY
4
13.9
154.00
4GFSY
4G4SY
5
15.1
192.00
5GFSY
5G4SY
7
16.4
269.00
7GFSY
7G4SY
9
19.9
345.90
9GFSY
9G4SY
12
21.5
461.00
12GFSY
12G4SY
Conductor 2.50 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
11.0
72.00
3GESY
3G2.5SY
4
11.9
96.00
4GESY
4G2.5SY
5
12.9
120.00
5GESY
5G2.5SY
7
14.2
168.00
7GESY
7G2.5SY
12
18.4
288.00
12GESY
12G2.5SY
20
22.6
480.00
20GESY
20G2.5SY
Conductor 1.50 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
9.0
43.00
3GDSY
3G1.5SY
4
9.7
58.00
4GDSY
4G1.5SY
5
10.5
72.00
5GDSY
5G1.5SY
7
11.3
101.00
7GDSY
7G1.5SY
12
14.6
173.00
12GDSY
12G1.5SY
20
17.7
288.30
20GDSY
20G1.5SY
Conductor 1.00 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
8.4
28.80
3GCSY
3G1.0SY
4
9.1
38.40
4GCSY
4G1.0SY
5
9.8
48.00
5GCSY
5G1.0SY
7
10.5
67.00
7GCSY
7G1.0SY
12
13.3
115.00
12GCSY
12G1.0SY
20
16.3
192.00
20GCSY
20G1.0SY
Conductor 0.75 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
8.0
21.60
3GBSY
3G0.75SY
4
8.6
28.80
4GBSY
4G0.75SY
5
9.2
36.00
5GBSY
5G0.75SY
7
9.9
50.00
7GBSY
7G0.75SY
12
12.4
86.00
12GBSY
12G0.75SY
20
15.2
143.30
20GBSY
20G0.75SY
Conductor 0.50 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
7.5
14.40
3GASY
3G0.5SY
4
8.0
19.20
4GASY
4G0.5SY
5
8.5
24.00
5GASY
5G0.5SY
7
9.1
33.60
7GASY
7G0.5SY
12
11.4
58.00
12GASY
12G0.5SY
20
13.9
96.70
20GASY
20G0.5SY
Conductor 10.00 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
18.0
288.00
3GHSY
3G10SY
4
19.8
384.00
4GHSY
4G10SY
5
21.7
480.00
5GHSY
5G10SY
7
23.7
672.00
7GHSY
7G10SY
9
29.1
864.00
9GHSY
9G10SY
Conductor 6.00 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
14.9
172.80
3GGSY
3G6SY
4
16.2
230.00
4GGSY
4G6SY
5
17.7
288.00
5GGSY
5G6SY
7
19.3
403.00
7GGSY
7G6SY
9
23.5
518.10
9GGSY
9G6SY
MachFlex 350 SY Armored (SY) PVC Control Cables
GALVANIZED STEEL WIRE BRAID SHIELD (GSWB) CABLE WITH (G) PROTECTIVE GROUND
• Putup length & tolerance of the cables will vary depending on the construction of the cable
• MOQ will vary depending on the construction of the cable & provided at the time of quotation
• Cable requested outside the above design criteria can be reviewed and quoted
1 = Conductor
2 = Insulation
3 = Inner Sheath
4 = Galvanized Steel Wire Braid Shield
5 = Outer Sheath
5
4
3
2
1



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com