công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC898023KL bảng dữ liệu(PDF) 13 Page - Sanyo Semicon Device

tên linh kiện LC898023KL
Giải thích chi tiết về linh kiện  40쨈 Playback/16쨈 Write CD-R/RW Encoder/Decoder IC with Built-in SCSI Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC898023KL bảng dữ liệu(HTML) 13 Page - Sanyo Semicon Device

Back Button LC898023KL Datasheet HTML 5Page - Sanyo Semicon Device LC898023KL Datasheet HTML 6Page - Sanyo Semicon Device LC898023KL Datasheet HTML 7Page - Sanyo Semicon Device LC898023KL Datasheet HTML 8Page - Sanyo Semicon Device LC898023KL Datasheet HTML 9Page - Sanyo Semicon Device LC898023KL Datasheet HTML 10Page - Sanyo Semicon Device LC898023KL Datasheet HTML 11Page - Sanyo Semicon Device LC898023KL Datasheet HTML 12Page - Sanyo Semicon Device LC898023KL Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
PS No. 6614-13/13
LC898023KW, 898023KL
This catalog provides information as of February, 2002. Specifications and information herein are subject
to change without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the “Delivery Specification”
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
LOCK (output)
Outputs a high level when the PLL circuit is locked.
DEF (input)
Inputs the defect detection signal.
HFL (input)
Inputs the mirror detection signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13