| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCM4220PFB bảng dữ liệu(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM4220PFB bảng dữ liệu(HTML) 15 Page - Texas Instruments |
|
15 / 34 page ![]() www.ti.com PRODUCT OVERVIEW Reference Multi-Bit Delta-Sigma Multi-Bit Delta-Sigma Digital Filters Audio Serial Port Reset Logic Control and Status MasterClock andTiming VINL+ VCOML REFGNDL VREFL S/M FMT0 FMT1 OWL0 OWL1 SUB0 SUB1 PCMEN FS0 FS1 OVFL OVFR RST LRCK BCK DATA DF HPFDL HPFDR VREFR MCKI REFGNDR VCOMR VINL- VINR+ VINR- PCM4220 SBAS407A – DECEMBER 2006 – REVISED MAY 2007 The PCM4220 is a two-channel, multi-bit delta-sigma A/D converter. The 6-bit output from the delta-sigma modulators is routed to the digital decimation filter, where the output of the filter provides linear PCM data. The linear PCM data are output at the audio serial port interface for connection to external processing and logic circuitry. Figure 34 shows a simplified functional block diagram for the PCM4220, highlighting the interconnections between the various functional blocks. Figure 34. Functional Block Diagram 15 Submit Documentation Feedback |