| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9673PW bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9673PW bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 33 page ![]() PCA9673_1 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 — 1 February 2007 9 of 33 NXP Semiconductors PCA9673 Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt and reset • 3 bits with the die revision, assigned by manufacturer (for example, Rev X). The Device ID is read-only, hardwired in the device and can be accessed as follows: 1. START command 2. The master sends the Reserved Device ID I2C-bus address ‘1111 100’ with the R/W bit set to 0 (write). 3. The master sends the I2C-bus slave address of the slave device it needs to identify. The LSB is a ‘Don’t care’ value. Only one device must acknowledge this byte (the one that has the I2C-bus slave address). 4. The master sends a Re-START command. Remark: A STOP command followed by a START command will reset the slave state machine and the Device ID read cannot be performed. Remark: A STOP command or a Re-START command followed by an access to another slave device will reset the slave state machine and the Device ID read cannot be performed. 5. The master sends the Reserved Device ID I2C-bus address ‘1111 100’ with the R/W bit set to 1 (read). 6. The device ID read can be done, starting with the 8 manufacturer bits (first byte + 4 MSB of the second byte), followed by the 13 part identification bits and then the 3 die revision bits (3 LSB of the third byte). 7. The master ends the reading sequence by NACKing the last byte, thus resetting the slave device state machine and allowing the master to send the STOP command. Remark: The reading of the Device ID can be stopped anytime by sending a NACK command. Remark: If the master continues to ACK the bytes after the third byte, the PCA9673 rolls back to the first byte and keeps sending the Device ID sequence until a NACK has been detected. For the PCA9673, the Device ID is as shown in Figure 13. Fig 13. PCA9673 ID 0 002aac333 0 0 revision 0 0 1 0 0 0 1 0 0 part identification 0 0 0 0 0 0 0 0 0 0 0 0 manufacturer category identification feature identification |