| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MLZ2012N100LT000 bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
MLZ2012N100LT000 bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp |
|
8 / 22 page ![]() UM-GP-005 Advanced Analog GreenPAK Evaluation Board User Manual Revision 1.2 21-Mar-2022 CFR0012 8 of 21 © 2022 Renesas Electronics Corporation 4.1.2 Test Points Various TPs spread across the PCB allow for injecting input signals and monitoring output voltages throughout the system. Table 2 provides a brief summary on the TP naming scheme. Additional application-specific descriptions on the “X#” TP functions can be found throughout Section 4.2. Table 2: Test Point Information Label Color Function PX# Red VDD & VDDA power rail connections. GX# Black GND reference nodes. X# White TPs for signal injection and output monitoring. 4.1.3 SLG47004 Pin Connection Header Most pins on the SLG47004 can be monitored using the SV2 header on the evaluation board. Refer to Table 6 for more information on the function of each individual node. |