| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LB8682PL bảng dữ liệu(PDF) 4 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LB8682PL bảng dữ liệu(HTML) 4 Page - Sanyo Semicon Device |
|
4 / 5 page ![]() LB8682PL No.A0294-4/5 Truth Table Input Output ENA1 IN1 ENA2 IN2 IN3 IN4 OUT1 OUT2 OUT3 OUT4 OUT5 OUT6 Mode Low * Low * OFF OFF OFF OFF Standby Low High Low High High Low High Low High Low High High Low High Low Low OFF OFF Standby Low High Low High Forward High Low High Low Reverse High High OFF OFF OFF *: don't care, OFF: hi-impedance. Timing Chart • The waveforms shown for OUT1 to OUT4 are for a 2-phase excitation stepping motor driver. • In the constant-current driver waveforms for OUT5 and OUT6, the high-side transistor is saturated and the low-side transistor is not saturated. • The broken lines in the figure represent the off state. ENA IN1 IN2 IN3 IN4 OUT1 OUT2 OUT3 OUT4 OUT5 OUT6 |