| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7380 bảng dữ liệu(PDF) 2 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7380 bảng dữ liệu(HTML) 2 Page - PMC-Sierra, Inc |
|
2 / 2 page ![]() Head Office: PMC-Sierra, Inc. 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 604.415.6000 Fax: 604.415.6200 PM7380 FREEDM-32P672 Frame Engine and Data Link Manager To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com PMC-1980245 (r2) © 2001 PMC-Sierra, Inc. Aug.2001. S/UNI is a registered trademark and FREEDM-32P672, FREEDM-8, FREEDM-32, OCTLIU, TE-32, COMET-QUAD, SBI, and PMC-Sierra are trademarks of PMC-Sierra, Inc. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE • You can configure the on-chip memory to support different channel configurations: from a single channel with 32 kbytes of buffering, to 672 channels, each with a minimum of 48 bytes of buffering. • Provides a standard five-signal P1149.1 JTAG test-port for boundary-scan board-test purposes. • Supports 5 Volt tolerant I/Os for non-PCI signals. Supports 3.3 Volt PCI signaling environment. • 329-pin plastic ball grid array (PBGA) package. APPLICATIONS Use the FREEDM-32P672 chip in the following applications: • Remote Access Concentrators. • Frame Relay/Multiservice Switches. • Multiservice Access Concentrators. • Internet/Edge Routers. TYPICAL APPLICATIONS HIGH DENSITY T1/E1 LINE CARD PM4318 OCTLIU PM4318 OCTLIU PM4318 OCTLIU PM4318 OCTLIU SBI PCI Bus 32xT1/E1/J1 8 8 8 8 PM4332 TE-32 PM7380 FREEDM- 32P672 Packet Mamory Processor FRAME RELAY TO ATM INTERWORKING AAL5 SAR Packet Memory Processor (FRF.5, FRF.8) PCI Bus Utopia PM7328 S/UNI- ATLAS- 1K800 PM7329 S/UNI-APEX- 1K800 PM4354 COMET- QUAD PM4354 COMET- QUAD 4 T1/E1 x8 4 T1/E1 PM7380 FREEDM- 32P672 |