| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431ACLP bảng dữ liệu(PDF) 70 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431ACLP bảng dữ liệu(HTML) 70 Page - Texas Instruments |
|
70 / 79 page ![]() www.ti.com PACKAGE OUTLINE 3X 2.67 2.03 5.21 4.44 5.34 4.32 3X 12.7 MIN 2X 1.27 0.13 3X 0.55 0.38 4.19 3.17 3.43 MIN 3X 0.43 0.35 (2.54) NOTE 3 2X 2.6 0.2 2X 4 MAX SEATING PLANE 6X 0.076 MAX (0.51) TYP (1.5) TYP TO-92 - 5.34 mm max height LP0003A TO-92 4215214/B 04/2017 NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. Lead dimensions are not controlled within this area. 4. Reference JEDEC TO-226, variation AA. 5. Shipping method: a. Straight lead option available in bulk pack only. b. Formed lead option available in tape and reel or ammo pack. c. Specific products can be offered in limited combinations of shipping medium and lead options. d. Consult product folder for more information on available options. EJECTOR PIN OPTIONAL PLANE SEATING STRAIGHT LEAD OPTION 3 2 1 SCALE 1.200 FORMED LEAD OPTION OTHER DIMENSIONS IDENTICAL TO STRAIGHT LEAD OPTION SCALE 1.200 |