| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7367 bảng dữ liệu(PDF) 200 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 bảng dữ liệu(HTML) 200 Page - PMC-Sierra, Inc |
|
200 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 186 TQB[31:0]: The transmit queue base bits (TQB[31:0]) provides the base address of the Transmit Descriptor Reference Free and Transmit Descriptor Reference Ready queue in PCI host memory. This register is initialised by the host. To calculate the physical address of a particular transmit queue element, the TQB bits are added with the appropriate queue start, end, read or write index registers to form the physical address. The base address must be dword aligned and thus the least significant two bits must be written to logic zero. |