| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7367 bảng dữ liệu(PDF) 189 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 bảng dữ liệu(HTML) 189 Page - PMC-Sierra, Inc |
|
189 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 175 RPDRRQE[15:0]: The receive packet descriptor reference (RPDR) ready queue end bits (RPDRRQE[15:0]) define bits 17 to 2 of the Receive Packet Descriptor Reference Ready Queue end address. This register is initialised by the host. The physical end address in the RPDRR queue is the sum of RPDRRQE[15:0] left shifted by 2 bits with the RQB[31:0] bits in the RMAC Receive Queue Base register. |