| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7367 bảng dữ liệu(PDF) 181 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 bảng dữ liệu(HTML) 181 Page - PMC-Sierra, Inc |
|
181 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 167 RPDRSFQE[15:0]: The receive packet descriptor reference (RPDR) small buffer free queue end bits (RPDRSFQE[15:0]) define bits 17 to 2 of the Receive Packet Descriptor Reference Small Buffer Free Queue end address. This register is initialised by the host. The physical end address in the RPDRSF queue is the sum of RPDRSFQE[15:0] left shifted by 2 bits with the RQB[31:0] bits in the RMAC Receive Queue Base register. |