| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7367 bảng dữ liệu(PDF) 254 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 bảng dữ liệu(HTML) 254 Page - PMC-Sierra, Inc |
|
254 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 240 Register 0x500 : PMON Status Bit Type Function Default Bit 31 to Bit 16 Unused XXXXH Bit 15 Unused X Bit 14 Unused X Bit 13 Unused X Bit 12 Unused X Bit 11 Unused X Bit 10 Unused X Bit 9 Unused X Bit 8 Unused X Bit 7 Unused X Bit 6 Unused X Bit 5 R C2DET X Bit 4 R C1DET X Bit 3 R UFDET X Bit 2 R OFDET X Bit 1 Unused X Bit 0 Unused X This register contains status information indicating whether a non-zero count has been latched in the count registers. Note This register is not byte addressable. Writing to this register modifies all the bits in the register. Byte selection using byte enable signals (CBEB[3:0]) are not implemented. However, when all four byte enables are negated, no access is made to this register. |