| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SX9331EVKA bảng dữ liệu(PDF) 14 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX9331EVKA bảng dữ liệu(HTML) 14 Page - Semtech Corporation |
|
14 / 48 page ![]() SX9331 Final Datasheet April 21, 2023 www.semtech.com 14 of 48 Rev. 2 Proprietary & Confidential Semtech 3.3.2.AFE Block-Diagram Shield Sensor C-to-V Analog Front-End (AFE) Finger, palm, face, etc Shield Control ADC PROXADC Offset Compensation PROXOFFSET CSIOx CSIOx Figure 8: Analog Front-End Block Diagram 3.3.3.Capacitance-to-Voltage Conversion (C-to-V) The sensitivity of the interface is determined mainly by AGAIN parameter. FREQ defines the operating frequency of the interface. 3.3.4.Shield Control When not being measured, any CSIOx pin can be used as a shield. 3.3.5.Offset Compensation Offset compensation consists of performing a one-time measurement of CEnv and subtracting it from the total capacitance CSensor in order to feed the ADC with the closest contribution of CUser only. ADC Offset Compensation PROXOFFSET CSensor ~CUser Figure 9: Offset Compensation Block Diagram |