| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF50XXAI bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF50XXAI bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 46 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 20-Oct-2024 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples PREF5025EIDR ACTIVE SOIC D 8 3000 TBD Call TI Call TI -40 to 125 Samples REF5010AID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5010 A Samples REF5010AIDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 R50G Samples REF5010AIDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 R50G Samples REF5010AIDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5010 A Samples REF5010ID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5010 Samples REF5010IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50G Samples REF5010IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50G Samples REF5020AID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5020 A Samples REF5020AIDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 R50A Samples REF5020AIDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50A Samples REF5020AIDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5020 A Samples REF5020ID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5020 Samples REF5020IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50A Samples REF5020IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50A Samples REF5020IDR ACTIVE SOIC D 8 2500 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5020 Samples Addendum-Page 1 |