công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

REF5010 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện REF5010
Giải thích chi tiết về linh kiện  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

REF5010 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  REF5010_V01 Datasheet HTML 1Page - Texas Instruments REF5010_V01 Datasheet HTML 2Page - Texas Instruments REF5010_V01 Datasheet HTML 3Page - Texas Instruments REF5010_V01 Datasheet HTML 4Page - Texas Instruments REF5010_V01 Datasheet HTML 5Page - Texas Instruments REF5010_V01 Datasheet HTML 6Page - Texas Instruments REF5010_V01 Datasheet HTML 7Page - Texas Instruments REF5010_V01 Datasheet HTML 8Page - Texas Instruments REF5010_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Input voltage
VIN (2)
-0.3
18
V
VIN (3)
-0.3
48
Output Voltage
VOUT (2)
-0.3
5.5
V
Operating temperature
(TA)
–55
125
°C
Junction temperature
(TJ max)
150
Storage temperature range
(Tstg)
-65
150
(1)
Stresses above these ratings can cause permanent damage. Exposure to absolute maximum conditions for extended periods can
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied. These are stress ratings only and functional operation of the device at these or any other conditions
beyond those specified in the Electrical Characteristics Table is not implied.
(2)
Specification for REF5xxI and REF50xxAI.
(3)
Specification for REF50xxEI.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge (3)
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins(1)
± 3000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
± 1000
Electrostatic discharge (4)
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins(1)
± 2000
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
± 500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
Specification for REF50xxI and REF50xxAI.
(4)
Specification for REF50xxEI.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage (2)
VOUT + 0.2(1)
18
V
Input voltage (3)
VOUT + 0.2
42
V
NR
Noise reduction (3)
0
6
V
IOUT
Output current
–10
10
mA
TA
Operating ambient temperature
–40
25
125
°C
(1)
Except for the REF5020, where VIN (minimum) = 2.7V.
(2)
Specification for REF50xxI and REF50xxAI.
(3)
Specification for REF50xxEI.
www.ti.com
REF5010, REF5020, REF5025, REF5030, REF5040, REF5045, REF5050
SBOS410L – JUNE 2007 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com