công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C864A bảng dữ liệu(PDF) 13 Page - Advanced Micro Devices

tên linh kiện AM79C864A
Giải thích chi tiết về linh kiện  Physical Layer Controller With Scrambler (PLC-S)
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C864A bảng dữ liệu(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C864A Datasheet HTML 9Page - Advanced Micro Devices AM79C864A Datasheet HTML 10Page - Advanced Micro Devices AM79C864A Datasheet HTML 11Page - Advanced Micro Devices AM79C864A Datasheet HTML 12Page - Advanced Micro Devices AM79C864A Datasheet HTML 13Page - Advanced Micro Devices AM79C864A Datasheet HTML 14Page - Advanced Micro Devices AM79C864A Datasheet HTML 15Page - Advanced Micro Devices AM79C864A Datasheet HTML 16Page - Advanced Micro Devices AM79C864A Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
AMD
P R E L I M I N A R Y
3-15
Am79C864A
FUNCTIONAL DESCRIPTION
Node Processor Interface (NPI)
The Node Processor Interface serves as the interface
between an external Node Processor and the PLC-S.
The interface is a general purpose synchronous
interface.
The Node Processor Interface is controlled by the
NPCLK. In normal operation this clock is tied to the
BCLK. All signals of the NPI must be synchronous with
the NPCLK, that is the signals must be stable a setup
time before and a hold time after a rising edge of the
NPCLK. Figure 1 illustrates the NPI state machine.
Read Cycle
A read cycle is used by the Node Processor to read data
from a PLC-S register. Normally the PLC-S is unaf-
fected
by
a
read,
although
the
INTR_EVENT,
VIOL_SYM_CTR, MIN_IDLE_CTR, and LINK_ERR_
CTR registers are cleared when read.
A read cycle of one of the PLC-S registers is initiated by
the assertion of the
CS signal which is sampled by the
rising edge of NPCLK. Once the
CS signal is asserted
the NPADDR bus and NPRW signals are sampled. The
NPRW signal should be high for a read and low for a
write. At least one half NPCLK cycle after this edge, the
PLC-S will begin to drive the NP bus to allow the chip
driving the bus in the previous read or write cycle time to
tri-state the NP bus.
After the next rising edge of NPCLK (the second rising
edge after the assertion of
CS), the data on the NP bus
will be valid. It will remain valid until the second rising
edge of NPCLK after the deassertion of
CS. The PLC-S
will tri-state the NP bus within 1/2 NPCLK cycle after this
clock edge.
The timing described above will allow a read cycle every
2 NPCLK periods. However, if the Node Processor
needs to extend the read cycle and have the NP bus
valid longer than one clock cycle, it can delay the
deassertion of the
CS signal. For a minimum length read
cycle (2 NPCLK periods), the Node Processor must
deassert
CS a setup time before the second rising edge
of NPCLK following the assertion of
CS. If CS remains
asserted for a hold time after the second rising edge of
NPCLK, again with respect to
CS being asserted, the
PLC-S will continue to drive the NP bus with valid data
for two more rising edges of the NPCLK. When
CS is
kept asserted beyond the initial read cycle, the read cy-
cle extends by two NPCLK periods. The
CS signal is
sampled on the second and each subsequent rising
edge of NPCLK after the initial assertion of
CS. The
Node Processor can indefinitely extend the read cycle
by maintaining the assertion of the
CS signal. The Node
Processor must deassert and then assert the
CS signal
for each unique read access.
Write Cycle
A write cycle is used by the Node Processor to write data
into a PLC-S control register. The Node Processor is
normally allowed to write to any read-write or write-only
register at any time except to the following registers
XMIT_VECTOR, VECTOR_LENGTH, TPC_LOAD_
VALUE, and TNE_LOAD_VALUE due to special
operating conditions imposed by the PLC-S in their
usage. If the Node Processor attempts a write on a read-
only register or the special registers mentioned above at
a wrong time, the PLC-S sets the NP_ERR bit in the
INTR EVENT register. The PLC-S will not modify the
contents of the register accessed.
The write cycle is very similar to the read cycle. The prin-
cipal differences are as follows:
s The NPRW signal must be low while
CS is
asserted
s The data to be written must be valid on the second
rising edge of NPCLK after
CS is asserted
The Node Processor must tri-state the NP bus within
one half NPCLK period after the second rising edge af-
ter the deassertion of
CS. Thus, by delaying the
deassertion of the
CS signal, the Node Processor can
extend the write cycle and the time it has to tri-state the
NP bus. The deassertion of the
CS signal has no effect
on the PLC-S during a write cycle. The PLC-S will not
attempt to write to a selected register more than once
until the
CS signal has been deasserted. Thus, to ac-
complish back to back writes, the Node Processor must
deassert the
CS signal before attempting the second
write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com