công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD54HC4094 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CD54HC4094
Giải thích chi tiết về linh kiện  CDx4HC4094, CD74HCT4094 High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4094 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  CD54HC4094 Datasheet HTML 1Page - Texas Instruments CD54HC4094 Datasheet HTML 2Page - Texas Instruments CD54HC4094 Datasheet HTML 3Page - Texas Instruments CD54HC4094 Datasheet HTML 4Page - Texas Instruments CD54HC4094 Datasheet HTML 5Page - Texas Instruments CD54HC4094 Datasheet HTML 6Page - Texas Instruments CD54HC4094 Datasheet HTML 7Page - Texas Instruments CD54HC4094 Datasheet HTML 8Page - Texas Instruments CD54HC4094 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5.4 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS(2)
VCC
(V)
25°C
–40°C to 85°C
–55°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
VIH
High-level input voltage
2
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
V
6
4.2
4.2
4.2
V
VIL
Low-level input voltage
2
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
V
6
1.8
1.8
1.8
V
VOH
High-level output voltage
CMOS loads
IOH = – 20μA
2
1.9
1.9
1.9
V
IOH = – 20μA
4.5
4.4
4.4
4.4
V
IOH = – 20μA
6
5.9
5.9
5.9
V
High-level output voltage
TTL loads
IOH = – 6mA
4.5
3.98
3.84
3.7
V
IOH = – 7.8mA
6
5.48
5.34
5.2
V
VOL
Low-level output voltage
CMOS loads
IOL = 20μA
2
0.1
0.1
0.1
V
IOL = 20μA
4.5
0.1
0.1
0.1
V
IOL = 20μA
6
0.1
0.1
0.1
V
Low-level output voltage
TTL loads
IOL = 6mA
4.5
0.26
0.33
0.4
V
IOL = 7.8mA
6
0.26
0.33
0.4
V
II
Input leakage current
VCC or GND
6
±0.1
±1
±1
µA
ICC
Supply current
VCC or GND
6
8
80
160
µA
HCT TYPES
VIH
High-level input voltage
4.5 to
5.5
2
2
2
V
VIL
Low-level input voltage
4.5 to
5.5
0.8
0.8
0.8
V
VOH
High-level output voltage
CMOS loads
IOH = – 20μA
4.5
4.4
4.4
4.4
V
High-level output voltage
TTL loads
IOH = – 6mA
4.5
3.98
3.84
3.7
V
VOL
Low-level output voltage
CMOS loads
IOL = 20μA
4.5
0.1
0.1
0.1
V
Low-level output voltage
TTL loads
IOL = 6mA
4.5
0.26
0.33
0.4
V
II
Input leakage current
VCC and GND
5.5
±0.1
±1
±1
µA
ICC
Supply Current
VCC and GND
5.5
8
80
160
µA
ΔICC (1) (3)
Additional quiescent
device current per input
pin: 1 unit load
D
4.5 to
5.5
40
144
180
196
µA
CP, OE
4.5 to
5.5
150
540
675
735
µA
STR
4.5 to
5.5
100
360
450
490
µA
(1)
For dual−supply systems theoretical worst case (VI = 2.4 V, VCC = 5.5 V) specification is 1.8 mA.
(2)
VI = VIH or VIL, unless otherwise noted.
(3)
Inputs held at VCC – 2.1.
www.ti.com
CD54HC4094, CD74HC4094, CD74HCT4094
SCHS211F – NOVEMBER 1997 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD54HC4094 CD74HC4094 CD74HCT4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com