| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDX4ACT174 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDX4ACT174 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 25 page ![]() 7 Detailed Description 7.1 Overview Information at the data (D) inputs that meets the setup time requirements is transferred to the outputs on the positive-going edge of the clock (CLK) pulse. Clock triggering occurs at a particular voltage level and is not directly related to the transition time of the positive-going edge of CLK. When CLK is at either the high or low level, the D input has no effect at the output. 7.2 Functional Block Diagram Figure 7-1. Logic Diagram (Positive Logic) 7.3 Device Functional Modes Table 7-1. Function Table (Each Flip-flop) INPUTS OUTPUT CLR CLK D Q L X X L H ↑ H H H ↑ L L H L X Q0 www.ti.com CD54ACT174, CD74ACT174 SCHS344B – APRIL 2003 – REVISED OCTOBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 9 Product Folder Links: CD54ACT174 CD74ACT174 |