| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7346 bảng dữ liệu(PDF) 45 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7346 bảng dữ liệu(HTML) 45 Page - PMC-Sierra, Inc |
|
45 / 419 page ![]() PM7346 S/UNI-QJET DATASHEET PMC-960835 ISSUE 6 SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3 PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 24 Pin Name Type Pin No. Function RNEG[4] RNEG[3] RNEG[2] RNEG[1] Input C5 E3 E1 G2 Receive Digital Negative Pulse (RNEG[4:1]). RNEG[4:1] contains the negative pulses received on the B3ZS encoded DS3, the HDB3-encoded E3, or the B8ZS-encoded J2 transmission system when the dual-rail NRZ input format is selected. RLCV[4] RLCV[3] RLCV[2] RLCV[1] Receive Line Code Violation (RLCV[4:1]). RLCV[4:1] contains line code violation indications when the single-rail (unipolar) NRZ input format is enabled for DS3, E3, or J2 applications. Each line code violation is represented by an RCLK[4:1] period-wide pulse. |