| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BCS015W bảng dữ liệu(PDF) 2 Page - Balluff Korea Ltd. |
|
|
|||||||||||||||||||||||||||||
BCS015W bảng dữ liệu(HTML) 2 Page - Balluff Korea Ltd. |
|
2 / 2 page ![]() Capacitive Sensors BCS Z01A403-PSC46F-S04G-505 Order Code: BCS015W Internet www.balluff.com eCl@ss 9.1: 27-27-01-02 Subject to change without notice: 253443 ETIM 6.0: EC002715 BCS015W_1.8_2024-09-02 2 / 2 Remarks ESD requirements met if housing is grounded. EMC: Per EN60947-5-2:1998+A1:1999+A2:2004 Section 7.2.6. only when used with connector BKS S19-14-.. Shield connected at both ends. Increased surge resistance For more information about MTTF and B10d see MTTF / B10d Certificate Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way. Connector Drawings Wiring Diagrams (Schematic) |