công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

25Q128FVCIF bảng dữ liệu(PDF) 2 Page - Winbond

tên linh kiện 25Q128FVCIF
Giải thích chi tiết về linh kiện  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond

25Q128FVCIF bảng dữ liệu(HTML) 2 Page - Winbond

  25Q128FVCIF Datasheet HTML 1Page - Winbond 25Q128FVCIF Datasheet HTML 2Page - Winbond 25Q128FVCIF Datasheet HTML 3Page - Winbond 25Q128FVCIF Datasheet HTML 4Page - Winbond 25Q128FVCIF Datasheet HTML 5Page - Winbond 25Q128FVCIF Datasheet HTML 6Page - Winbond 25Q128FVCIF Datasheet HTML 7Page - Winbond 25Q128FVCIF Datasheet HTML 8Page - Winbond 25Q128FVCIF Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
W25Q128FV
- 1 -
Table of Contents
1. GENERAL DESCRIPTIONS...................................................................................................................... 5
2. FEATURES................................................................................................................................................ 5
3. PACKAGE TYPES AND PIN CONFIGURATIONS ................................................................................... 6
3.1
Pin Configuration SOIC / VSOP 208-mil........................................................................................... 6
3.2
Pad Configuration WSON 6x5-mm / 8x6-mm .................................................................................. 6
3.3
Pin Description SOIC / VSOP 208-mil, WSON 6x5-mm / 8x6-mm .................................................. 6
3.4
Pin Configuration SOIC 300-mil........................................................................................................ 7
3.5
Pin Description SOIC 300-mil ........................................................................................................... 7
3.6
Ball Configuration TFBGA 8x6-mm (5x5 or 6x4 Ball Array).............................................................. 8
3.7
Ball Description TFBGA 8x6-mm ...................................................................................................... 8
3.8
Pin Configuration PDIP 300-mil ........................................................................................................ 9
3.9
Pin Description PDIP 300-mil............................................................................................................ 9
4. PIN DESCRIPTIONS............................................................................................................................... 10
4.1
Chip Select (/CS) ............................................................................................................................ 10
4.2
Serial Data Input, Output and IOs (DI, DO and IO0, IO1, IO2, IO3) ............................................... 10
4.3
Write Protect (/WP)......................................................................................................................... 10
4.4
HOLD (/HOLD)................................................................................................................................ 10
4.5
Serial Clock (CLK) .......................................................................................................................... 10
4.6
Reset (/RESET) .............................................................................................................................. 10
5. BLOCK DIAGRAM................................................................................................................................... 11
6. FUNCTIONAL DESCRIPTIONS.............................................................................................................. 12
6.1
SPI / QPI Operations ...................................................................................................................... 12
6.1.1
Standard SPI Instructions...............................................................................................................................12
6.1.2
Dual SPI Instructions ......................................................................................................................................12
6.1.3
Quad SPI Instructions.....................................................................................................................................13
6.1.4
QPI Instructions ..............................................................................................................................................13
6.1.5
Hold Function .................................................................................................................................................13
6.1.6
Software Reset & Hardware /RESET pin .......................................................................................................14
6.2
Write Protection .............................................................................................................................. 15
6.2.1
Write Protect Features ...................................................................................................................................15
7. STATUS AND CONFIGURATION REGISTERS..................................................................................... 16
7.1
Status Registers.............................................................................................................................. 16
7.1.1
Erase/Write In Progress (BUSY)
– Status Only..............................................................................................16
7.1.2
Write Enable Latch (WEL)
– Status Only .......................................................................................................16
7.1.3
Block Protect Bits (BP2, BP1, BP0)
– Volatile/Non-Volatile Writable .............................................................16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99